Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 46 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 46 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 42Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 43Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 44Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 45Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 46Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 47Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 48Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 49Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 50Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
46
Rev. 1.4
ALE/P4.5
93
93
D I/O ALE Strobe for External Memory Address bus
(multiplexed mode)
Port 4.5
See Port Input/Output section for complete
description.
RD/P4.6
92
92
D I/O /RD Strobe for External Memory Address bus
Port 4.6
See Port Input/Output section for complete
description.
WR/P4.7
91
91
D I/O /WR Strobe for External Memory Address bus
Port 4.7
See Port Input/Output section for complete
description.
A8/P5.0
88
88
D I/O Bit 8 External Memory Address bus (Non-multi-
plexed mode)
Port 5.0
See Port Input/Output section for complete
description.
A9/P5.1
87
87
D I/O Port 5.1. See Port Input/Output section for com-
plete description.
A10/P5.2
86
86
D I/O Port 5.2. See Port Input/Output section for com-
plete description.
A11/P5.3
85
85
D I/O Port 5.3. See Port Input/Output section for com-
plete description.
A12/P5.4
84
84
D I/O Port 5.4. See Port Input/Output section for com-
plete description.
A13/P5.5
83
83
D I/O Port 5.5. See Port Input/Output section for com-
plete description.
A14/P5.6
82
82
D I/O Port 5.6. See Port Input/Output section for com-
plete description.
A15/P5.7
81
81
D I/O Port 5.7. See Port Input/Output section for com-
plete description.
Table 4.1. Pin Definitions (Continued)
Name
Pin Numbers
Type
Description
‘F120
‘F122
‘F124
‘F126
‘F121
‘F123
‘F125
‘F127
‘F130
‘F132
‘F131
‘F133


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com