Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 72 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 72 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 68Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 69Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 70Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 71Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 72Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 73Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 74Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 75Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 76Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
72
Rev. 1.4
Table 5.1. 12-Bit ADC0 Electrical Characteristics (C8051F120/1/4/5)
VDD = 3.0 V, AV+ = 3.0 V, VREF = 2.40 V (REFBE = 0), PGA Gain = 1, –40 to +85 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
DC Accuracy
Resolution
12
bits
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Offset Error
–3±1
LSB
Full Scale Error
Differential mode
–7±3
LSB
Offset Temperature Coefficient
±0.25
ppm/°C
Dynamic Performance (10 kHz sine-wave input, 0 to 1 dB below Full Scale, 100 ksps
Signal-to-Noise Plus Distortion
66
dB
Total Harmonic Distortion
Up to the 5th harmonic
—–75
dB
Spurious-Free Dynamic Range
80
dB
Conversion Rate
SAR Clock Frequency
2.5
MHz
Conversion Time in SAR Clocks
16
clocks
Track/Hold Acquisition Time
1.5
µs
Throughput Rate
100
ksps
Analog Inputs
Input Voltage Range
Single-ended operation
0
VREF
V
*Common-mode Voltage Range
Differential operation
AGND
AV+
V
Input Capacitance
10
pF
Temperature Sensor
Linearity1
—±0.2—
°C
Offset
(Temp = 0 °C)
776
mV
Offset Error1, 2
(Temp = 0 °C)
±8.5
mV
Slope
2.86
mV / °C
Slope Error2
±0.034
mV / °C
Power Specifications
Power Supply Current
(AV+ supplied to ADC)
Operating Mode, 100 ksps
—450
900
µA
Power Supply Rejection
±0.3
mV/V
Notes:
1. Includes ADC offset, gain, and linearity variations.
2. Represents one standard deviation from the mean.


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com