Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 92 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 92 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 88Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 89Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 90Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 91Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 92Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 93Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 94Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 95Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 96Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
92
Rev. 1.4
7.2.
ADC2 Modes of Operation
ADC2 has a maximum conversion speed of 500 ksps. The ADC2 conversion clock (SAR2 clock) is a
divided version of the system clock, determined by the AD2SC bits in the ADC2CF register. The maximum
ADC2 conversion clock is 6 MHz.
7.2.1. Starting a Conversion
A conversion can be initiated in one of five ways, depending on the programmed states of the ADC2 Start
of Conversion Mode bits (AD2CM2-0) in ADC2CN. Conversions may be initiated by:
1.
Writing a ‘1’ to the AD2BUSY bit of ADC2CN;
2.
A Timer 3 overflow (i.e. timed continuous conversions);
3.
A rising edge detected on the external ADC convert start signal, CNVSTR2;
4.
A Timer 2 overflow (i.e. timed continuous conversions);
5.
Writing a ‘1’ to the AD0BUSY of register ADC0CN (initiate conversion of ADC2 and ADC0 with
a single software command).
During conversion, the AD2BUSY bit is set to logic 1 and restored to 0 when conversion is complete. The
falling edge of AD2BUSY triggers an interrupt (when enabled) and sets the interrupt flag in ADC2CN. Con-
verted data is available in the ADC2 data word, ADC2.
When a conversion is initiated by writing a ‘1’ to AD2BUSY, it is recommended to poll AD2INT to determine
when the conversion is complete. The recommended procedure is:
Step 1. Write a ‘0’ to AD2INT;
Step 2. Write a ‘1’ to AD2BUSY;
Step 3. Poll AD2INT for ‘1’;
Step 4. Process ADC2 data.
When CNVSTR2 is used as a conversion start source, it must be enabled in the crossbar, and the corre-
sponding pin must be set to open-drain, high-impedance mode (see Section “18. Port Input/Output” on
page 235
for more details on Port I/O configuration).
7.2.2. Tracking Modes
The AD2TM bit in register ADC2CN controls the ADC2 track-and-hold mode. In its default state, the ADC2
input is continuously tracked, except when a conversion is in progress. When the AD2TM bit is logic 1,
ADC2 operates in low-power track-and-hold mode. In this mode, each conversion is preceded by a track-
ing period of 3 SAR clocks (after the start-of-conversion signal). When the CNVSTR2 signal is used to ini-
tiate conversions in low-power tracking mode, ADC2 tracks only when CNVSTR2 is low; conversion
begins on the rising edge of CNVSTR2 (see Figure 7.2). Tracking can also be disabled (shutdown) when
the entire chip is in low power standby or sleep modes. Low-power Track-and-Hold mode is also useful
when AMUX or PGA settings are frequently changed, due to the settling time requirements described in
Section “7.2.3. Settling Time Requirements” on page 94
.


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com