Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F124-GQR Datasheet HTML 1Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 2Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 3Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 4Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 5Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 6Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 7Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 8Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 350 page
background image
Mixed Signal ISP Flash MCU Family
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Preliminary Rev. 1.4 12/05
Copyright © 2005 by Silicon Laboratories
C8051F12x C8051F13x
Analog Peripherals
-
10 or 12-bit SAR ADC
± 1 LSB INL
Programmable throughput up to 100 ksps
Up to 8 external inputs; programmable as single-
ended or differential
Programmable amplifier gain: 16, 8, 4, 2, 1, 0.5
Data-dependent windowed interrupt generator
Built-in temperature sensor
-
8-bit SAR ADC (‘F12x Only)
Programmable throughput up to 500 ksps
8 external inputs (single-ended or differential)
Programmable amplifier gain: 4, 2, 1, 0.5
-
Two 12-bit DACs (‘F12x Only)
Can synchronize outputs to timers for jitter-free wave-
form generation
-
Two Analog Comparators
-
Voltage Reference
-
VDD Monitor/Brown-Out Detector
On-Chip JTAG Debug & Boundary Scan
-
On-chip debug circuitry facilitates full-speed, non-
intrusive in-circuit/in-system debugging
-
Provides breakpoints, single-stepping, watchpoints,
stack monitor; inspect/modify memory and registers
-
Superior performance to emulation systems using
ICE-chips, target pods, and sockets
-
IEEE1149.1 compliant boundary scan
-
Complete development kit
100-Pin TQFP or 64-Pin TQFP Packaging
-
Temperature Range: –40 to +85 °C
-
RoHS Available
High Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
instruction set in 1 or 2 system clocks
-
100 MIPS or 50 MIPS throughput with on-chip PLL
-
2-cycle 16 x 16 MAC engine (C8051F120/1/2/3 and
C8051F130/1/2/3 only)
Memory
-
8448 bytes internal data RAM (8 k + 256)
-
128 or 64 kB Banked Flash; in-system programma-
ble in 1024-byte sectors
-
External 64 kB data memory interface (programma-
ble multiplexed or non-multiplexed modes)
Digital Peripherals
-
8 byte-wide port I/O (100TQFP); 5 V tolerant
-
4 Byte-wide port I/O (64TQFP); 5 V tolerant
-
Hardware SMBus™ (I2C™ Compatible), SPI™, and
two UART serial ports available concurrently
-
Programmable 16-bit counter/timer array with
6 capture/compare modules
-
5 general purpose 16-bit counter/timers
-
Dedicated watchdog timer; bi-directional reset pin
Clock Sources
-
Internal precision oscillator: 24.5 MHz
-
Flexible PLL technology
-
External Oscillator: Crystal, RC, C, or clock
Voltage Supples
-
Range: 2.7–3.6 V (50 MIPS) 3.0–3.6 V (100 MIPS)
-
Power saving sleep and shutdown modes
JTAG
128/64 kB
ISP FLASH
8448 B
SRAM
16 x 16 MAC
('F120/1/2/3, 'F13x)
+
-
10/12-bit
100ksps
ADC
CLOCK / PLL
CIRCUIT
PGA
VREF
12-Bit
DAC
TEMP
SENSOR
VOLTAGE
COMPARATORS
ANALOG PERIPHERALS
Port 0
Port 1
Port 2
Port 3
DIGITAL I/O
HIGH-SPEED CONTROLLER CORE
DEBUG
CIRCUITRY
20
INTERRUPTS
8051 CPU
(50 or 100MIPS)
12-Bit
DAC
+
-
8-bit
500ksps
ADC
Port 4
Port 5
Port 6
Port 7
100 pin
64 pin
PGA
UART0
SMBus
SPI Bus
PCA
Timer 0
Timer 1
Timer 2
Timer 3
Timer 4
UART1
C8051F12x Only


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com