Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 19 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 19 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 15Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 16Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 17Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 18Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 19Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 20Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 21Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 22Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 23Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Rev. 1.4
19
1.
System Overview
The C8051F12x and C8051F13x device families are fully integrated mixed-signal System-on-a-Chip
MCUs with 64 digital I/O pins (100-pin TQFP) or 32 digital I/O pins (64-pin TQFP).
Highlighted features are listed below. Refer to Table 1.1 for specific product feature selection.
High-Speed pipelined 8051-compatible CIP-51 microcontroller core (100 MIPS or 50 MIPS)
In-system, full-speed, non-intrusive debug interface (on-chip)
True 12 or 10-bit 100 ksps ADC with PGA and 8-channel analog multiplexer
True 8-bit 500 ksps ADC with PGA and 8-channel analog multiplexer (C8051F12x Family)
Two 12-bit DACs with programmable update scheduling (C8051F12x Family)
2-cycle 16 by 16 Multiply and Accumulate Engine (C8051F120/1/2/3 and C8051F130/1/2/3)
128 or 64 kB of in-system programmable Flash memory
8448 (8 k + 256) bytes of on-chip RAM
External Data Memory Interface with 64 kB address space
SPI, SMBus/I2C, and (2) UART serial interfaces implemented in hardware
Five general purpose 16-bit Timers
Programmable Counter/Timer Array with 6 capture/compare modules
On-chip Watchdog Timer, VDD Monitor, and Temperature Sensor
With on-chip VDD monitor, Watchdog Timer, and clock oscillator, the C8051F12x and C8051F13x devices
are truly stand-alone System-on-a-Chip solutions. All analog and digital peripherals are enabled/disabled
and configured by user firmware. The Flash memory can be reprogrammed even in-circuit, providing non-
volatile data storage, and also allowing field upgrades of the 8051 firmware.
On-board JTAG debug circuitry allows non-intrusive (uses no on-chip resources), full speed, in-circuit
debugging using the production MCU installed in the final application. This debug system supports inspec-
tion and modification of memory and registers, setting breakpoints, watchpoints, single stepping, run and
halt commands. All analog and digital peripherals are fully functional while debugging using JTAG.
Each MCU is specified for operation over the industrial temperature range (–45 to +85 °C). The Port I/O,
RST, and JTAG pins are tolerant for input signals up to 5 V. The devices are available in 100-pin TQFP or
64-pin TQFP packaging. Table 1.1 lists the specific device features and package offerings for each part
number. Figure 1.1 through Figure 1.6 show functional block diagrams for each device.


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com