Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 28 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 24Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 25Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 26Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 27Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 28Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 29Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 31Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
28
Rev. 1.4
1.1.3. Additional Features
Several key enhancements are implemented in the CIP-51 core and peripherals to improve overall perfor-
mance and ease of use in end applications.
The extended interrupt handler provides 20 interrupt sources into the CIP-51 (as opposed to 7 for the stan-
dard 8051), allowing the numerous analog and digital peripherals to interrupt the controller. An interrupt
driven system requires less intervention by the MCU, giving it more effective throughput. The extra inter-
rupt sources are very useful when building multi-tasking, real-time systems.
There are up to seven reset sources for the MCU: an on-board VDD monitor, a Watchdog Timer, a missing
clock detector, a voltage level detection from Comparator0, a forced software reset, the CNVSTR0 input
pin, and the RST pin. The RST pin is bi-directional, accommodating an external reset, or allowing the inter-
nally generated POR to be output on the RST pin. Each reset source except for the VDD monitor and Reset
Input pin may be disabled by the user in software; the VDD monitor is enabled/disabled via the MONEN
pin. The Watchdog Timer may be permanently enabled in software after a power-on reset during MCU ini-
tialization.
The MCU has an internal, stand alone clock generator which is used by default as the system clock after
any reset. If desired, the clock source may be switched on the fly to the external oscillator, which can use a
crystal, ceramic resonator, capacitor, RC, or external clock source to generate the system clock. This can
be extremely useful in low power applications, allowing the MCU to run from a slow (power saving) exter-
nal crystal source, while periodically switching to the 24.5 MHz internal oscillator as needed. Additionally,
an on-chip PLL is provided to achieve higher system clock speeds for increased throughput.
Figure 1.7. On-Board Clock and Reset
WDT
XTAL1
XTAL2
OSC
Internal
Clock
Generator
System
Clock
CIP-51
Microcontroller
Core
Missing
Clock
Detector
(one-
shot)
Software Reset
Extended Interrupt
Handler
Clock Select
RST
+
-
VDD
Supply
Reset
Timeout
(wired-OR)
System Reset
Supply
Monitor
PRE
Reset
Funnel
+
-
CP0+
Comparator0
CP0-
(Port I/O)
Crossbar
CNVSTR
(CNVSTR
reset
enable)
(CP0
reset
enable)
EN
EN
PLL
Circuitry


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com