Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 39 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 35Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 36Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 37Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 38Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 39Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 40Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 41Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 42Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Rev. 1.4
39
3.
Global DC Electrical Characteristics
Table 3.1. Global DC Electrical Characteristics
(C8051F120/1/2/3 and C8051F130/1/2/3)
–40 to +85 °C, 100 MHz System Clock unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Analog Supply Voltage1
SYSCLK = 0 to 50 MHz
SYSCLK > 50 MHz
2.7
3.0
3.0
3.3
3.6
3.6
V
V
Analog Supply Current
Internal REF, ADCs, DACs, Com-
parators all active
—1.7
mA
Analog Supply Current with
analog sub-systems inactive
Internal REF, ADCs, DACs, Com-
parators all disabled, oscillator
disabled
—0.2
µA
Analog-to-Digital Supply
Delta (|VDD –AV+|)
——
0.5
V
Digital Supply Voltage
SYSCLK = 0 to 50 MHz
SYSCLK > 50 MHz
2.7
3.0
3.0
3.3
3.6
3.6
V
V
Digital Supply Current with
CPU active
VDD = 3.0 V, Clock = 100 MHz
VDD = 3.0 V, Clock = 50 MHz
VDD = 3.0 V, Clock = 1 MHz
VDD = 3.0 V, Clock = 32 kHz
—65
35
1
33
—mA
mA
mA
µA
Digital Supply Current with
CPU inactive (not accessing
Flash)
VDD = 3.0 V, Clock = 100 MHz
VDD = 3.0 V, Clock = 50 MHz
VDD = 3.0 V, Clock = 1 MHz
VDD = 3.0 V, Clock = 32 kHz
—40
20
0.4
15
—mA
mA
mA
µA
Digital Supply Current (shut-
down)
Oscillator not running
—0.4
µA
Digital Supply RAM Data
Retention Voltage
—1.5
V
SYSCLK (System Clock)2,3
VDD, AV+ = 2.7 to 3.6 V
VDD, AV+ = 3.0 to 3.6 V
0
0
—50
100
MHz
MHz
Specified Operating Temper-
ature Range
–40
+85
°C
Notes:
1. Analog Supply AV+ must be greater than 1 V for
VDD monitor to operate.
2. SYSCLK is the internal device clock. For operational speeds in excess of 30 MHz, SYSCLK must be derived
from the Phase-Locked Loop (PLL).
3. SYSCLK must be at least 32 kHz to enable debugging.


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com