Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F124-GQR Datasheet(PDF) 41 Page - Silicon Laboratories

Part # C8051F124-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F124-GQR Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button C8051F124-GQR Datasheet HTML 37Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 38Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 39Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 40Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 41Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 42Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 43Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 44Page - Silicon Laboratories C8051F124-GQR Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 350 page
background image
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
Rev. 1.4
41
4.
Pinout and Package Definitions
Table 4.1. Pin Definitions
Name
Pin Numbers
Type
Description
‘F120
‘F122
‘F124
‘F126
‘F121
‘F123
‘F125
‘F127
‘F130
‘F132
‘F131
‘F133
VDD
37,
64, 90
24,
41, 57
37,
64, 90
24,
41, 57
Digital Supply Voltage. Must be tied to +2.7 to
+3.6 V.
DGND
38,
63, 89
25,
40, 56
38,
63, 89
25,
40, 56
Digital Ground. Must be tied to Ground.
AV+
11, 14
6
11, 14
6
Analog Supply Voltage. Must be tied to +2.7 to
+3.6 V.
AGND
10, 13
5
10, 13
5
Analog Ground. Must be tied to Ground.
TMS
1
58
1
58
D In
JTAG Test Mode Select with internal pullup.
TCK
2
59
2
59
D In
JTAG Test Clock with internal pullup.
TDI
3
60
3
60
D In
JTAG Test Data Input with internal pullup. TDI is
latched on the rising edge of TCK.
TDO
4
61
4
61
D Out JTAG Test Data Output with internal pullup. Data
is shifted out on TDO on the falling edge of TCK.
TDO output is a tri-state driver.
RST
5
62
5
62
D I/O Device Reset. Open-drain output of internal VDD
monitor. Is driven low when VDD is < VRST and
MONEN is high. An external source can initiate
a system reset by driving this pin low.
XTAL1
26
17
26
17
A In
Crystal Input. This pin is the return for the inter-
nal oscillator circuit for a crystal or ceramic reso-
nator. For a precision internal clock, connect a
crystal or ceramic resonator from XTAL1 to
XTAL2. If overdriven by an external CMOS
clock, this becomes the system clock.
XTAL2
27
18
27
18
A Out Crystal Output. This pin is the excitation driver
for a crystal or ceramic resonator.
MONEN
28192819
D In
VDD Monitor Enable. When tied high, this pin
enables the internal VDD monitor, which forces a
system reset when VDD is < VRST. When tied
low, the internal VDD monitor is disabled.
This pin must be tied high or low.


Similar Part No. - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F124-GQ SILABS-C8051F124-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F124-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com