Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL-2885G Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL-2885G
Description  Rectangular light bar
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-2885G Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL-2885G Datasheet HTML 1Page - Lite-On Technology Corporation LTL-2885G Datasheet HTML 2Page - Lite-On Technology Corporation LTL-2885G Datasheet HTML 3Page - Lite-On Technology Corporation LTL-2885G Datasheet HTML 4Page - Lite-On Technology Corporation LTL-2885G Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
9-36
Light Bars
LTL-2000 Series
Features
Rectangular light bar.
Choices of three bright colors-green/yellow/high efficiency red.
Large, bright, uniform light emitting areas.
Low power requirement.
Excellent ON-OFF contrast.
Can be used with panel and legend mount.
Easy mounting on P.C. board.
Categorized for light output.
Yellow and green categorized for dominant wavelength.
Description
The LTL-2300/2400/2500/2600/2700/2800 series light bars are rectangular light sources designed for a variety of
applications where a large bright source of light is required. These light bars are configured in single-in-line and dual-
in-line packages. The green series devices utilize LED chips which are made from GaP on a transparent GaP
substrate. The yellow and high efficiency red series devices utilize LED chips which are made trom GaAsP on a
transparent GaP substrate. All devices have white bar.
Devices
Part No.
Package
Dimension
Yellow
8.89mm
3.81mm(.350 in
.150 in.)
19mm
3.76mm(.748 in
.148 in.)
8.89mm
3.81mm(.350 in
.150 in.)
8.89mm
8.89mm(.350 in
.350 in.)
8.89mm
3.81mm(.350 in
.150 in.)
8.89mm
19.05mm(.350 in
.750 in.)
2400Y
2450Y
2700Y
2755Y
2720Y
2785Y
Hi. Eff.
Red
2300HR
2350HR
2600HR
2655HR
2620HR
2685HR
Green
2500G
2550G
2800G
2855G
2820G
2885G
Internal
Circuit Diagram
Size of Light Emitting Areas
A
B
C
D
E
F
A
B
C
D
E
F
Package Dimensions
A. LTL-2300/2400/2500
B. LTL-2350/2450/2550


Similar Part No. - LTL-2885G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-2800G LITEON-LTL-2800G Datasheet
139Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2820G LITEON-LTL-2820G Datasheet
376Kb / 6P
LED Display
LTL-2855G LITEON-LTL-2855G Datasheet
137Kb / 5P
RECTANGULAR LIGHT BAR
More results

Similar Description - LTL-2885G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-2755Y LITEON-LTL-2755Y Datasheet
136Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2800G LITEON-LTL-2800G Datasheet
139Kb / 5P
RECTANGULAR LIGHT BAR
LTA-1000G LITEON-LTA-1000G Datasheet
129Kb / 5P
RECTANGULAR LIGHT BAR
LTL-57173HR LITEON-LTL-57173HR Datasheet
134Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2450Y LITEON-LTL-2450Y Datasheet
135Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2685HR LITEON-LTL-2685HR Datasheet
143Kb / 5P
RECTANGULAR LIGHT BAR
LTL-2855G LITEON-LTL-2855G Datasheet
137Kb / 5P
RECTANGULAR LIGHT BAR
logo
P-tec Corporation
PB71-LBRG13 P-TEC-PB71-LBRG13 Datasheet
26Kb / 1P
13.97 x 7.49mm Rectangular Light Bar
PB71-LBRY01 P-TEC-PB71-LBRY01 Datasheet
26Kb / 1P
13.97 x 7.49mm Rectangular Light Bar
PB71-LBRR12 P-TEC-PB71-LBRR12 Datasheet
26Kb / 1P
13.97 x 7.49mm Rectangular Light Bar
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com