Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM1U0808VBK Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RM1U0808VBK
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RM1U0808VBK Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RM1U0808VBK Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM TOP
ASSEMBLY - VIEW FROM FRONT
SECTION DD-DD
SECTION FF-FF
ASSEMBLY - VIEW FROM SIDE
ISOMETRIC VIEW
12 Screws - Flat Head 4-40 x 3/8"
8 Screws - Flat Head 6-32 x 3/8"
12 Nuts - #4 Speed Nuts
1427B2BK
RM1UMTGFL
MTG. Flanges w/ Screws
Pull Handles
RM1U0808VBK
4 Self Adhesive Rubber Feet
Extruded Aluminum Frame - Type 6063
2 Panels - .064" Aluminum (5052-H32) Powder Coat
ACCESSORIES
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
DD
DD
FF
FF
RM1U0808VBK
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
203.20 mm
[8.000 in]
210.82 mm
[8.300 in]
40.09 mm
[1.578 in]
204.47 mm
[8.050 in]
196.85 mm
[7.750 in]
3.18 mm
[0.125 in]
203.20 mm
[8.000 in]
1.80 mm
[0.071 in]
MOUNTING FLANGE
NOT INCLUDED
(SEE ACCESSORIES)
MTG. FLANGE
HOLES
43.69 mm
[1.720 in]
166.69 mm
[6.563 in]
55.56 mm
[2.188 in]
27.25 mm
[1.073 in]
n4.32 mm
[0.170 in]
8 ROWS &
22 COLUMNS


Similar Part No. - RM1U0808VBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RM1U0808SBK HAMMOND-RM1U0808SBK Datasheet
203Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - RM1U0808VBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FLHTF800A115 HAMMOND-FLHTF800A115 Datasheet
302Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MD2 HAMMOND-1490MD2 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MG6 HAMMOND-1490MG6 Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MJ12 HAMMOND-1490MJ12 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Qimonda AG
GRDBARV22 QIMONDA-GRDBARV22 Datasheet
142Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Hammond Manufacturing L...
HCS-DFG-48 HAMMOND-HCS-DFG-48 Datasheet
135Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GRDBAR800 HAMMOND-GRDBAR800 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB3 HAMMOND-1554MPB3 Datasheet
245Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ643HLP HAMMOND-HJ643HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ644HLP HAMMOND-HJ644HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ683HLP HAMMOND-HJ683HLP Datasheet
115Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com