Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO11RSB0 Datasheet(PDF) 111 Page - Microsemi Corporation

Part # IO11RSB0
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11RSB0 Datasheet(HTML) 111 Page - Microsemi Corporation

Back Button IO11RSB0 Datasheet HTML 107Page - Microsemi Corporation IO11RSB0 Datasheet HTML 108Page - Microsemi Corporation IO11RSB0 Datasheet HTML 109Page - Microsemi Corporation IO11RSB0 Datasheet HTML 110Page - Microsemi Corporation IO11RSB0 Datasheet HTML 111Page - Microsemi Corporation IO11RSB0 Datasheet HTML 112Page - Microsemi Corporation IO11RSB0 Datasheet HTML 113Page - Microsemi Corporation IO11RSB0 Datasheet HTML 114Page - Microsemi Corporation IO11RSB0 Datasheet HTML 115Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 106
Embedded FlashROM Characteristics
Timing Characteristics
tRSTAF
RESET Low to Almost Empty/Full Flag Valid
6.13
6.98
8.20
ns
tRSTBQ
RESET Low to Data Out Low on DO (pass-through)
0.92
1.05
1.23
ns
RESET Low to Data Out Low on DO (pipelined)
0.92
1.05
1.23
ns
tREMRSTB
RESET Removal
0.29
0.33
0.38
ns
tRECRSTB
RESET Recovery
1.50
1.71
2.01
ns
tMPWRSTB
RESET Minimum Pulse Width
0.21
0.24
0.29
ns
tCYC
Clock Cycle Time
3.23
3.68
4.32
ns
FMAX
Maximum Frequency
310
272
231
MHz
Figure 2-43 • Timing Diagram
Table 2-123 • A3P250 FIFO 4k×1 (continued)
Worst Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
A0
A1
tSU
tHOLD
tSU
tHOLD
tSU
tHOLD
tCKQ2
tCKQ2
tCKQ2
CLK
Address
Data
D0
D0
D1
Table 2-124 • Embedded FlashROM Access Time
Parameter
Description
–2
–1
Std.
Units
tSU
Address Setup Time
0.53
0.61
0.71
ns
tHOLD
Address Hold Time
0.00
0.00
0.00
ns
tCK2Q
Clock to Out
21.42
24.40
28.68
ns
FMAX
Maximum Clock Frequency
15
15
15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com