Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO11RSB0 Datasheet(PDF) 121 Page - Microsemi Corporation

Part # IO11RSB0
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11RSB0 Datasheet(HTML) 121 Page - Microsemi Corporation

Back Button IO11RSB0 Datasheet HTML 117Page - Microsemi Corporation IO11RSB0 Datasheet HTML 118Page - Microsemi Corporation IO11RSB0 Datasheet HTML 119Page - Microsemi Corporation IO11RSB0 Datasheet HTML 120Page - Microsemi Corporation IO11RSB0 Datasheet HTML 121Page - Microsemi Corporation IO11RSB0 Datasheet HTML 122Page - Microsemi Corporation IO11RSB0 Datasheet HTML 123Page - Microsemi Corporation IO11RSB0 Datasheet HTML 124Page - Microsemi Corporation IO11RSB0 Datasheet HTML 125Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
4 - 5
QN68
Pin Number
A3P030 Function
1
IO82RSB1
2
IO80RSB1
3
IO78RSB1
4
IO76RSB1
5
GEC0/IO73RSB1
6
GEA0/IO72RSB1
7
GEB0/IO71RSB1
8VCC
9GND
10
VCCIB1
11
IO68RSB1
12
IO67RSB1
13
IO66RSB1
14
IO65RSB1
15
IO64RSB1
16
IO63RSB1
17
IO62RSB1
18
IO60RSB1
19
IO58RSB1
20
IO56RSB1
21
IO54RSB1
22
IO52RSB1
23
IO51RSB1
24
VCC
25
GND
26
VCCIB1
27
IO50RSB1
28
IO48RSB1
29
IO46RSB1
30
IO44RSB1
31
IO42RSB1
32
TCK
33
TDI
34
TMS
35
VPUMP
36
TDO
37
TRST
38
VJTAG
39
IO40RSB0
40
IO37RSB0
41
GDB0/IO34RSB0
42
GDA0/IO33RSB0
43
GDC0/IO32RSB0
44
VCCIB0
45
GND
46
VCC
47
IO31RSB0
48
IO29RSB0
49
IO28RSB0
50
IO27RSB0
51
IO25RSB0
52
IO24RSB0
53
IO22RSB0
54
IO21RSB0
55
IO19RSB0
56
IO17RSB0
57
IO15RSB0
58
IO14RSB0
59
VCCIB0
60
GND
61
VCC
62
IO12RSB0
63
IO10RSB0
64
IO08RSB0
65
IO06RSB0
66
IO04RSB0
67
IO02RSB0
68
IO00RSB0
QN68
Pin Number
A3P030 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com