Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO11RSB0 Datasheet(PDF) 145 Page - Microsemi Corporation

Part # IO11RSB0
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11RSB0 Datasheet(HTML) 145 Page - Microsemi Corporation

Back Button IO11RSB0 Datasheet HTML 141Page - Microsemi Corporation IO11RSB0 Datasheet HTML 142Page - Microsemi Corporation IO11RSB0 Datasheet HTML 143Page - Microsemi Corporation IO11RSB0 Datasheet HTML 144Page - Microsemi Corporation IO11RSB0 Datasheet HTML 145Page - Microsemi Corporation IO11RSB0 Datasheet HTML 146Page - Microsemi Corporation IO11RSB0 Datasheet HTML 147Page - Microsemi Corporation IO11RSB0 Datasheet HTML 148Page - Microsemi Corporation IO11RSB0 Datasheet HTML 149Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
4 - 29
PQ208
Pin Number
A3P125 Function
1GND
2
GAA2/IO67RSB1
3
IO68RSB1
4
GAB2/IO69RSB1
5
IO132RSB1
6
GAC2/IO131RSB1
7NC
8NC
9
IO130RSB1
10
IO129RSB1
11
NC
12
IO128RSB1
13
NC
14
NC
15
NC
16
VCC
17
GND
18
VCCIB1
19
IO127RSB1
20
NC
21
GFC1/IO126RSB1
22
GFC0/IO125RSB1
23
GFB1/IO124RSB1
24
GFB0/IO123RSB1
25
VCOMPLF
26
GFA0/IO122RSB1
27
VCCPLF
28
GFA1/IO121RSB1
29
GND
30
GFA2/IO120RSB1
31
NC
32
GFB2/IO119RSB1
33
NC
34
GFC2/IO118RSB1
35
IO117RSB1
36
NC
37
IO116RSB1
38
IO115RSB1
39
NC
40
VCCIB1
41
GND
42
IO114RSB1
43
IO113RSB1
44
GEC1/IO112RSB1
45
GEC0/IO111RSB1
46
GEB1/IO110RSB1
47
GEB0/IO109RSB1
48
GEA1/IO108RSB1
49
GEA0/IO107RSB1
50
VMV1
51
GNDQ
52
GND
53
NC
54
NC
55
GEA2/IO106RSB1
56
GEB2/IO105RSB1
57
GEC2/IO104RSB1
58
IO103RSB1
59
IO102RSB1
60
IO101RSB1
61
IO100RSB1
62
VCCIB1
63
IO99RSB1
64
IO98RSB1
65
GND
66
IO97RSB1
67
IO96RSB1
68
IO95RSB1
69
IO94RSB1
70
IO93RSB1
71
VCC
72
VCCIB1
PQ208
Pin Number
A3P125 Function
73
IO92RSB1
74
IO91RSB1
75
IO90RSB1
76
IO89RSB1
77
IO88RSB1
78
IO87RSB1
79
IO86RSB1
80
IO85RSB1
81
GND
82
IO84RSB1
83
IO83RSB1
84
IO82RSB1
85
IO81RSB1
86
IO80RSB1
87
IO79RSB1
88
VCC
89
VCCIB1
90
IO78RSB1
91
IO77RSB1
92
IO76RSB1
93
IO75RSB1
94
IO74RSB1
95
IO73RSB1
96
GDC2/IO72RSB1
97
GND
98
GDB2/IO71RSB1
99
GDA2/IO70RSB1
100
GNDQ
101
TCK
102
TDI
103
TMS
104
VMV1
105
GND
106
VPUMP
107
NC
108
TDO
PQ208
Pin Number
A3P125 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com