| Electronic Components Datasheet Search |
|
IO11PDB0V0 Datasheet(PDF) 162 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO11PDB0V0 Datasheet(HTML) 162 Page - Microsemi Corporation |
|
162 / 197 page ![]() Pin Descriptions 5- 48 R e v i sio n 1 2 K12 UART_0_RXD/GPIO_21 UART_0_RXD/GPIO_21 UART_0_RXD/GPIO_21 K13 GND GND GND K14 UART_1_TXD/GPIO_28 UART_1_TXD/GPIO_28 UART_1_TXD/GPIO_28 K15 UART_1_RXD/GPIO_29 UART_1_RXD/GPIO_29 UART_1_RXD/GPIO_29 K16 UART_0_TXD/GPIO_20 UART_0_TXD/GPIO_20 UART_0_TXD/GPIO_20 L1 GND GND GND L2 GPIO_2/IO31RSB4V0 MAC_TXEN/IO52RSB4V0 MAC_TXEN/IO61RSB4V0 L3 GPIO_3/IO30RSB4V0 MAC_CRSDV/IO51RSB4V0 MAC_CRSDV/IO60RSB4V0 L4 GPIO_4/IO29RSB4V0 MAC_RXER/IO50RSB4V0 MAC_RXER/IO59RSB4V0 L5 GPIO_9/IO24RSB4V0 MAC_CLK MAC_CLK L6 GND GND GND L7 VCC VCC VCC L8 GND GND GND L9 VCC VCC VCC L10 GND GND GND L11 VCCMSSIOB2 VCCMSSIOB2 VCCMSSIOB2 L12 SPI_1_DO/GPIO_24 SPI_1_DO/GPIO_24 SPI_1_DO/GPIO_24 L13 SPI_1_SS/GPIO_27 SPI_1_SS/GPIO_27 SPI_1_SS/GPIO_27 L14 SPI_1_CLK/GPIO_26 SPI_1_CLK/GPIO_26 SPI_1_CLK/GPIO_26 L15 SPI_1_DI/GPIO_25 SPI_1_DI/GPIO_25 SPI_1_DI/GPIO_25 L16 GND GND GND M1 GPIO_5/IO28RSB4V0 MAC_TXD[0]/IO56RSB4V0 MAC_TXD[0]/IO65RSB4V0 M2 GPIO_6/IO27RSB4V0 MAC_TXD[1]/IO55RSB4V0 MAC_TXD[1]/IO64RSB4V0 M3 GPIO_7/IO26RSB4V0 MAC_RXD[0]/IO54RSB4V0 MAC_RXD[0]/IO63RSB4V0 M4 GND GND GND M5 NC ADC3 ADC3 M6 NC GND15ADC0 GND15ADC0 M7 GND33ADC0 GND33ADC1 GND33ADC1 M8 GND33ADC0 GND33ADC1 GND33ADC1 M9 ADC7 ADC4 ADC4 M10 GNDTM0 GNDTM1 GNDTM1 Pin No. FG256 A2F060 Function A2F200 Function A2F500 Function Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |