Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA1080-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KA1080-2
Description  Mechanical accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KA1080-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KA1080-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers KA1080-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers KA1080-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KA1080-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KA1080-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KA1080-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KA1080-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KA1080-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3.6 - UL FORMULA Molded Case Circuit Breakers
Accessories
Mechanical accessories
Front Terminals
1 piece
2 pieces
3 pieces
4 pieces
6 pieces
KIT F A1
KA1F-1
KA1F-2
KA1F-3
KA1F-4
KA1F-6
KIT F A2
KA2F-1
KA2F-2
KA2F-3
KA2F-4
KA2F-6
Front Extended Terminals (IEC only)
KIT EF A1
KA1EF-1
KA1EF-2
KA1EF-3
KA1EF-4
KA1EF-6
KIT EF A2
KA2EF-1
KA2EF-2
KA2EF-3
KA2EF-4
KA2EF-6
Front Extended Spread Terminals (IEC only)
KIT ES A1
KA1ES-1
KA1ES-2
KA1ES-3
KA1ES-4
KA1ES-6
KIT ES A2
KA2ES-1
KA2ES-2
KA2ES-3
KA2ES-4
KA2ES-6
Front Terminals for copper aluminium cables - FCCuAl
KIT FC CuAl A1 80A
KA1080-1
KA1080-2
KA1080-3
KA1080-4
KA1080-6
KIT FC CuAl A1 100A
KA1100-1
KA1100-2
KA1100-3
KA1100-4
KA1100-6
KIT FC CuAL A2; 250A Cu cables and 225A Al cables
KA2225-1
KA2225-2
KA2225-3
KA2225-4
KA2225-6
KIT FC CuAl A2 250A
KA2250-1
KA2250-2
KA2250-3
KA2250-4
KA2250-6


Similar Part No. - KA1080-2

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KA100M317 KEXIN-KA100M317 Datasheet
262Kb / 2P
Three Terminal Positive Voltage Regulator
logo
Samsung semiconductor
KA100O015E-BJTT SAMSUNG-KA100O015E-BJTT Datasheet
1Mb / 92P
MCP Specification
logo
NTE Electronics
KA1031S28 NTE-KA1031S28 Datasheet
58Kb / 1P
Potentiometer - 2 Watt, 1/4 dia. shaft
KA1041S28 NTE-KA1041S28 Datasheet
58Kb / 1P
Potentiometer - 2 Watt, 1/4 dia. shaft
KA1051S28 NTE-KA1051S28 Datasheet
58Kb / 1P
Potentiometer - 2 Watt, 1/4 dia. shaft
More results

Similar Description - KA1080-2

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
MECHANICAL
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com