Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA1080-3 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # KA1080-3
Description  Mechanical accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KA1080-3 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  KA1080-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
6.14 - UL FORMULA Molded Case Circuit Breakers
4.13
105
1.50
38
0.67
17
135lb-in
30lb-in
177lb-in
1.38
35
2.76
70
1 pole
2 pole
1-2 pole
1.50
38
0.67
17 177lb-in
FCCuAl 1 AWG - 300kcmil Terminals
Caption
3 Terminal covers (compulsory)
4 Terminals FCCuAl 1 AWG -
300kcmil
6 80mm insulating barriers between
the terminals (compulsory) not
supplied with FCCuAl terminals
kit, but with the circuit breaker in
base version
7 Compartment door drilling
template and fixing insulation
(provided by customer)
1 pole
8 Compulsory internal insulation
plates (provided by customer)
max 1mm/0.039in thick
3 pole
3 pole
1-2 pole
1-2 pole
A [mm/in]
B [mm/in]
C [mm/in]
Without flange
69/2.72
42.5/1.67
85/3.35
1 POLE
69/2.72
2 POLE
61/2.40
42.5/1.67
85/3.35
1 POLE
61/2.40
2 POLE
Approximate dimensions
A2 - Circuit breaker and terminals


Similar Part No. - KA1080-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KA100M317 KEXIN-KA100M317 Datasheet
262Kb / 2P
   Three Terminal Positive Voltage Regulator
logo
Samsung semiconductor
KA100O015E-BJTT SAMSUNG-KA100O015E-BJTT Datasheet
1Mb / 92P
   MCP Specification
logo
NTE Electronics
KA1031S28 NTE-KA1031S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
KA1041S28 NTE-KA1041S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
KA1051S28 NTE-KA1051S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
More results

Similar Description - KA1080-3

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
   MECHANICAL
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com