Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA1080-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KA1080-3
Description  Mechanical accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KA1080-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KA1080-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UL FORMULA Molded Case Circuit Breakers - 3.5
NA = Not available
W
= Width
H
= Hole height
D
= Depth
ø
= Diameter
S
= Standard
R
= On request
Terminal ES
Terminal ES with cable lug
Terminal ES with busbar
Terminal FCCuAl
Terminal FCCuAl with cable
Front Extended Spread Terminal - ES (IEC only)
Busbar dimensions
[mm/in]
Cable
lug
[mm/in]
Tightening torques
Terminal covers
[mm/in]
Separators
[mm/in]
Type
Poles
W
D
ø
W
ø
Terminal
Cable or busbar
2/.07
7.5/.29
50/1.96
60/2.36
50/1.96
80/3.14 100/3.93 200/7.87
A1
2 3
20/.78
6/.23
8.5/.33
20/.78
8.5/.33 M6
3
M8
9
-
-
-
-
-
-
S
-
A2
2 3
30/1.18
4/.15
10.5/.41 10.5/.41
NA
M8
8
M10
18
-
-
-
-
-
-
S
-
Front Terminals for copper aluminium cables - FCCuAl
Cable
[mm/in]
Tightening torques
Length of
Cable
stripping
[mm/in]
Terminal covers
[mm/in]
Separators
[mm/in]
Type Assembly
Poles
Rigid
Terminal
Cable or busbar
2/.07 7.5/.29 50/1.96 60/2.36 50/1.96 80/3.14 100/3.93 200/7.87
A1
Internal
1(1) 2(1) 3
14-2 AWG
M6
35lb-in -
14 - 10 AWG; 20lb-in
8 AWG; 35lb-in
6 - 2 AWG; 75lb-in
16/.62
-
S (1)
R
-
-
-
-
-
A1
Internal
1(1) 2(1) 3
4-1 AWG
M6
35lb-in -
75lb-in
16/.62
-
S (1)
R
-
-
-
-
-
A2
Internal
1 2 3
1 AWG - 300 kcmil
M8 135lb-in -
135lb-in
20/.78
-
S (1)
-
R
-
-
-
-
A2
Internal
1 2 3
300 - 350 kcmil
M8 135lb-in -
177lb-in
22/.86
-
S (1)
-
R
-
-
-
-
(1) The Terminal covers are not supplied for 1p and 2p, the use of phase separators, supplied with the standard circuit breaker, and the insulating of switchboard door are mandatory.
H
W
D
Accessories
Mechanical accessories


Similar Part No. - KA1080-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KA100M317 KEXIN-KA100M317 Datasheet
262Kb / 2P
   Three Terminal Positive Voltage Regulator
logo
Samsung semiconductor
KA100O015E-BJTT SAMSUNG-KA100O015E-BJTT Datasheet
1Mb / 92P
   MCP Specification
logo
NTE Electronics
KA1031S28 NTE-KA1031S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
KA1041S28 NTE-KA1041S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
KA1051S28 NTE-KA1051S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
More results

Similar Description - KA1080-3

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
   MECHANICAL
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com