Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393-N Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM393-N
Description  LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM393-N Datasheet(HTML) 5 Page - Texas Instruments

  LM393-N Datasheet HTML 1Page - Texas Instruments LM393-N Datasheet HTML 2Page - Texas Instruments LM393-N Datasheet HTML 3Page - Texas Instruments LM393-N Datasheet HTML 4Page - Texas Instruments LM393-N Datasheet HTML 5Page - Texas Instruments LM393-N Datasheet HTML 6Page - Texas Instruments LM393-N Datasheet HTML 7Page - Texas Instruments LM393-N Datasheet HTML 8Page - Texas Instruments LM393-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
www.ti.com
SNOSBJ6E – OCTOBER 1999 – REVISED MARCH 2013
Electrical Characteristics
(V+ = 5V)
(1)
LM193A
Parameter
Test Conditions
Units
Min
Typ
Max
Input Offset Voltage
(2)
4.0
mV
Input Offset Current
IIN(+)−IIN(−), VCM=0V
100
nA
Input Bias Current
IIN(+) or IIN(−) with Output in Linear Range,
300
nA
VCM=0V
(3)
Input Common Mode Voltage Range
V+=30V (4)
0
V+
−2.0
V
Saturation Voltage
VIN(−)=1V, VIN(+)=0, ISINK≤4 mA
700
mV
Output Leakage Current
VIN(−)=0, VIN(+)=1V, VO=30V
1.0
μA
Differential Input Voltage
Keep All VIN's≥0V (or V
, if Used), (5)
36
V
(1)
These specifications are limited to
−55°C≤TA≤+125°C, for the LM193/LM193A. With the LM293 all temperature specifications are limited
to
−25°C≤TA≤+85°C and the LM393 temperature specifications are limited to 0°C≤TA≤+70°C. The LM2903 is limited to
−40°C≤TA≤+85°C.
(2)
At output switch point, VO≃1.4V, RS=0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25°C.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(4)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
−1.5V at 25°C, but either or both inputs can go to 36V without damage, independent of the
magnitude of V+.
(5)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3V (or 0.3V below the
magnitude of the negative power supply, if used).
Electrical Characteristics
(V+ = 5V)
(1)
LM193
LM293, LM393
LM2903
Parameter
Test Conditions
Units
Min Typ
Max
Min Typ
Max
Min Typ
Max
Input Offset Voltage
(2)
9
9
9
15
mV
Input Offset Current
IIN(+)−IIN(−), VCM=0V
100
150
50
200
nA
Input Bias Current
IIN(+) or IIN(−) with Output in Linear
300
400
200
500
nA
Range, VCM=0V
(3)
Input Common Mode
V+=30V (4)
0
V+
−2.0
0
V+
−2.0
0
V+
−2.0
V
Voltage Range
Saturation Voltage
VIN(−)=1V, VIN(+)=0,
700
700
400
700
mV
ISINK≤4 mA
Output Leakage Current
VIN(−)=0, VIN(+)=1V, VO=30V
1.0
1.0
1.0
μA
Differential Input Voltage
Keep All VIN's≥0V (or V
, if Used),
36
36
36
V
(5)
(1)
These specifications are limited to
−55°C≤TA≤+125°C, for the LM193/LM193A. With the LM293 all temperature specifications are limited
to
−25°C≤TA≤+85°C and the LM393 temperature specifications are limited to 0°C≤TA≤+70°C. The LM2903 is limited to
−40°C≤TA≤+85°C.
(2)
At output switch point, VO≃1.4V, RS=0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25°C.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(4)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
−1.5V at 25°C, but either or both inputs can go to 36V without damage, independent of the
magnitude of V+.
(5)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3V (or 0.3V below the
magnitude of the negative power supply, if used).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Similar Part No. - LM393-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - LM393-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393MX_NOPB TI1-LM393MX_NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393B TI-LM393B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193 TI1-LM193_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM193 TI1-LM193_V02 Datasheet
1Mb / 46P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM393B TI-LM393B Datasheet
2Mb / 49P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM393B TI-LM393B_V02 Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com