Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393-N Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM393-N
Description  LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM393-N Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM393-N Datasheet HTML 4Page - Texas Instruments LM393-N Datasheet HTML 5Page - Texas Instruments LM393-N Datasheet HTML 6Page - Texas Instruments LM393-N Datasheet HTML 7Page - Texas Instruments LM393-N Datasheet HTML 8Page - Texas Instruments LM393-N Datasheet HTML 9Page - Texas Instruments LM393-N Datasheet HTML 10Page - Texas Instruments LM393-N Datasheet HTML 11Page - Texas Instruments LM393-N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
SNOSBJ6E – OCTOBER 1999 – REVISED MARCH 2013
www.ti.com
APPLICATION HINTS
The LM193 series are high gain, wide bandwidth devices which, like most comparators, can easily oscillate if the
output lead is inadvertently allowed to capacitively couple to the inputs via stray capacitance. This shows up only
during the output voltage transition intervals as the comparator change states. Power supply bypassing is not
required to solve this problem. Standard PC board layout is helpful as it reduces stray input-output coupling.
Reducing the input resistors to < 10 k
Ω reduces the feedback signal levels and finally, adding even a small
amount (1.0 to 10 mV) of positive feedback (hysteresis) causes such a rapid transition that oscillations due to
stray feedback are not possible. Simply socketing the IC and attaching resistors to the pins will cause input-
output oscillations during the small transition intervals unless hysteresis is used. If the input signal is a pulse
waveform, with relatively fast rise and fall times, hysteresis is not required.
All input pins of any unused comparators should be tied to the negative supply.
The bias network of the LM193 series establishes a drain current which is independent of the magnitude of the
power supply voltage over the range of from 2.0 VDC to 30 VDC.
It is usually unnecessary to use a bypass capacitor across the power supply line.
The differential input voltage may be larger than V+ without damaging the device(1). Protection should be
provided to prevent the input voltages from going negative more than
−0.3 VDC (at 25°C). An input clamp diode
can be used as shown in Typical Applications.
The output of the LM193 series is the uncommitted collector of a grounded-emitter NPN output transistor. Many
collectors can be tied together to provide an output OR'ing function. An output pull-up resistor can be connected
to any available power supply voltage within the permitted supply voltage range and there is no restriction on this
voltage due to the magnitude of the voltage which is applied to the V+ terminal of the LM193 package. The
output can also be used as a simple SPST switch to ground (when a pull-up resistor is not used). The amount of
current which the output device can sink is limited by the drive available (which is independent of V+) and the
β
of this device. When the maximum current limit is reached (approximately 16mA), the output transistor will come
out of saturation and the output voltage will rise very rapidly. The output saturation voltage is limited by the
approximately 60
Ω rSAT of the output transistor. The low offset voltage of the output transistor (1.0mV) allows the
output to clamp essentially to ground level for small load currents.
Typical Applications
(V
+=5.0 V
DC)
Figure 17. Basic Comparator
Figure 18. Driving CMOS
(1)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3V (or 0.3V below the
magnitude of the negative power supply, if used).
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Similar Part No. - LM393-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM393-N TI-LM393-N Datasheet
1Mb / 24P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - LM393-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393MX_NOPB TI1-LM393MX_NOPB Datasheet
1Mb / 24P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI-LM393-N Datasheet
1Mb / 24P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
LM193 TI1-LM193_V01 Datasheet
1Mb / 40P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM193 TI1-LM193_V02 Datasheet
1Mb / 46P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM393B TI-LM393B Datasheet
2Mb / 49P
LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM393B TI-LM393B_V01 Datasheet
2Mb / 50P
LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM393B TI-LM393B_V02 Datasheet
3Mb / 55P
LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com