Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9881-24 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9881-24
Description  Horn Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9881-24 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9881-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9881-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Horn Antenna Antenna Operates From 50 GHz to 75 GHz With a Nominal 24 dBi Gain WR-15 Input
Configuration
Design
Horn Antenna
Frequency Range, GHz
50 to 75
Interface 1
WR-15
Interface 1 Specification
UG-385/U
Electrical Specifications
Nominal Gain, dBi
24
Mechanical Specifications
Size
Length, in [mm]
1.9 [48.26]
Width, in [mm]
1.79 [45.47]
Height, in [mm]
1.16 [29.46]
.
Weight, lbs [g]
0.281 [127.46]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
2 Dimensional OML Drawing
PE9881-24
Notes:
Values at 25 °C, sea level
Beam Pattern 12 Degrees
Horn Antenna Antenna Operates From 50 GHz to 75 GHz With a Nominal 24 dBi Gain WR-15 Input from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Horn Antenna Antenna Operates From 50 GHz to 75 GHz With a Nominal 24 dBi Gain WR-15
Input PE9881-24
URL: http://www.pasternack.com/horn-antenna-50-75-ghz-nominal-24-dbi-gain-wr-15-pe9881-24-p.aspx
PE9881-24
PE9881-24 REV 1.0
Horn Antenna Antenna Operates From 50 GHz to
75 GHz With a Nominal 24 dBi Gain WR-15 Input


Similar Part No. - PE9881-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9881-24 PASTERNACK-PE9881-24 Datasheet
427Kb / 4P
Waveguide Standard Gain Horn
PE9881-24 PASTERNACK-PE9881-24_19 Datasheet
427Kb / 4P
Waveguide Standard Gain Horn
More results

Similar Description - PE9881-24

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
750-442-XX ATM-750-442-XX Datasheet
82Kb / 1P
OUTLINE, WRD750 HORN ANTENNA
logo
Pasternack Enterprises,...
PE9881-34 PASTERNACK-PE9881-34 Datasheet
239Kb / 2P
Waveguide Horn Antenna Antenna Operates
PE9881-42 PASTERNACK-PE9881-42 Datasheet
404Kb / 2P
Waveguide Horn Antenna Operates
logo
TDK Electronics
HRN-0118 TDK-HRN-0118 Datasheet
95Kb / 2P
Horn Antenna
logo
Pasternack Enterprises,...
PEWAN1006 PASTERNACK-PEWAN1006 Datasheet
555Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1049 PASTERNACK-PEWAN1049 Datasheet
570Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1056 PASTERNACK-PEWAN1056 Datasheet
549Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1061 PASTERNACK-PEWAN1061 Datasheet
566Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1062 PASTERNACK-PEWAN1062 Datasheet
566Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1064 PASTERNACK-PEWAN1064 Datasheet
551Kb / 4P
Waveguide Conical Gain Horn Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com