Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4161 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4161
Description  6-channel Capacitive Touch Sensor IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4161 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4161 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
[AK4161]
MS1450-E-02-PB
2014/05
- 5 -
ABSOLUTE MAXIMUM RATINGS
(VSS = 0V (Note 4))
Parameter
Symbol
min
max
Unit
Power Supply
VDD
-0.3
4.3
V
Input Current Any Pins except for supply
IIN
-
10
mA
GPIO Source Current per Pin
Isource
-
12
mA
GPIO Sink Current per Pin
Isink
-
1.2
mA
Input Voltage (Note 5)
VIN
-0.3
VDD+0.3 or 4.3
V
Ambient Temperature (power applied)
Ta
-40
85
C
Storage Temperature
Tstg
-65
150
C
Note 4. All voltages with respect to ground.
Note 5. For SDA, SCL, AD0, RSTN, CS0/GPIO0 ~ CS5/GPIO5 pins. The maximum value is smaller value between
(VDD+0.3)V and 4.3V.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMEND OPERATING CONDITIONS
(VSS = 0V (Note 4))
Parameter
Symbol
min
typ
max
Unit
Power Supply
VDD
1.6
3.3
3.6
V
Note 4. All voltages with respect to ground.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4161

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
More results

Similar Description - AK4161

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
   6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com