Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12454 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM12454
Description  LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12454 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM12454_14 Datasheet HTML 28Page - Texas Instruments LM12454_14 Datasheet HTML 29Page - Texas Instruments LM12454_14 Datasheet HTML 30Page - Texas Instruments LM12454_14 Datasheet HTML 31Page - Texas Instruments LM12454_14 Datasheet HTML 32Page - Texas Instruments LM12454_14 Datasheet HTML 33Page - Texas Instruments LM12454_14 Datasheet HTML 34Page - Texas Instruments LM12454_14 Datasheet HTML 35Page - Texas Instruments LM12454_14 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
LM12454, LM12458, LM12H458
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
www.ti.com
Bit 10 activates the Test mode that is used only during production testing. Leave this bit reset to “0”.
Bit 11 is the Diagnostic bit and is available only in the LM12(H)458. It can be activated by setting it to a “1” (the
Test bit must be reset to a “0”). The Diagnostic mode, along with a correctly chosen instruction, allows
verification that the LM12(H)458's ADC is performing correctly. When activated, the inverting and non-inverting
inputs are connected as shown in Table 6. As an example, an instruction with “001” for both VIN+ and VIN− while
using the Diagnostic mode typically results in a full-scale output.
2.3 INTERRUPTS
The LM12454 and LM12(H)458 have eight possible interrupts, all with the same priority. Any of these interrupts
will cause a hardware interrupt to appear on the INT pin (31) if they are not masked (by the Interrupt Enable
register). The Interrupt Status register is then read to determine which of the eight interrupts has been issued.
Table 6. LM12(H)458 Input Multiplexer
Channel Configuration Showing Normal
Mode and Diagnostic Mode
Channel
Normal Mode
Diagnostic Mode
Selection
VIN+
VIN−
VIN+
VIN−
Data
000
IN0
GND
VREFOUT
GND
001
IN1
IN1
VREF+
VREF−
010
IN2
IN2
IN2
IN2
011
IN3
IN3
IN3
IN3
100
IN4
IN4
IN4
IN4
101
IN5
IN5
IN5
IN5
110
IN6
IN6
IN6
IN6
111
IN7
IN7
IN7
IN7
Table 7. LM12454 Input Multiplexer
Channel Configuration
Channel Selection Data
MUX+
MUX
000
IN0
GND
001
IN1
IN1
010
IN2
IN2
011
IN3
IN3
1XX
OPEN
OPEN
NOTE: The LM12(H)454 is no longer available. Information shown for reference only.
The Interrupt Status register, 1010 (A4–A1, BW = 0) or 1010x (A4–A0, BW = 1) must be cleared by reading it
after writing to the Interrupt Enable register. This removes any spurious interrupts on the INT pin generated
during an Interrupt Enable register access.
Interrupt 0 is generated whenever the analog input voltage on a selected multiplexer channel crosses a limit
while the LM12(H)454/8 are operating in the “watchdog” comparison mode. Two sequential comparisons are
made when the LM12(H)454/8 are executing a “watchdog” instruction. Depending on the logic state of Bit 9 in
the Instruction RAM's second and third sections, an interrupt will be generated either when the input signal's
magnitude is greater than or less than the programmable limits. (See the Instruction RAM, Bit 9 description.) The
Limit Status register will indicate which preprogrammed limit, #1 or #2 and which instruction was executing when
the limit was crossed.
Interrupt 1 is generated when the Sequencer reaches the instruction counter value specified in the Interrupt
Enable register's bits 8–10. This flag appears before the instruction's execution.
Interrupt 2 is activated when the Conversion FIFO holds a number of conversions equal to the programmable
value stored in the Interrupt Enable register's Bits 11–15. This value ranges from 0001 to 1111, representing 1 to
31 conversions stored in the FIFO. A user-programmed value of 0000 has no meaning. See Section 3.0 for more
FIFO information.
32
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM12454 LM12458 LM12H458


Similar Part No. - LM12454_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454CIV NSC-LM12454CIV Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12454_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
logo
National Semiconductor ...
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com