Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12454 Datasheet(PDF) 38 Page - Texas Instruments

Part # LM12454
Description  LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12454 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM12454_14 Datasheet HTML 34Page - Texas Instruments LM12454_14 Datasheet HTML 35Page - Texas Instruments LM12454_14 Datasheet HTML 36Page - Texas Instruments LM12454_14 Datasheet HTML 37Page - Texas Instruments LM12454_14 Datasheet HTML 38Page - Texas Instruments LM12454_14 Datasheet HTML 39Page - Texas Instruments LM12454_14 Datasheet HTML 40Page - Texas Instruments LM12454_14 Datasheet HTML 41Page - Texas Instruments LM12454_14 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
LM12454, LM12458, LM12H458
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
www.ti.com
6.0 Design Considerations
6.1 REFERENCE VOLTAGE
The difference in the voltages applied to the VREF+ and VREF− defines the analog input voltage span (the
difference between the voltages applied between two multiplexer inputs or the voltage applied to one of the
multiplexer inputs and analog ground), over which 4095 positive and 4096 negative codes exist. The voltage
sources driving VREF+ or VREF− must have very low output impedance and noise.
The ADC can be used in either ratiometric or absolute reference applications. In ratiometric systems, the analog
input voltage is proportional to the voltage used for the ADC's reference voltage. When this voltage is the system
power supply, the VREF+ pin is connected to VA+ and VREF− is connected to GND. This technique relaxes the
system reference stability requirements because the analog input voltage and the ADC reference voltage move
together. This maintains the same output code for given input conditions.
For absolute accuracy, where the analog input voltage varies between very specific voltage limits, a time and
temperature stable voltage source can be connected to the reference inputs. Typically, the reference voltage's
magnitude will require an initial adjustment to null reference voltage induced full-scale errors.
When using the LM12(H)454/8's internal 2.5V bandgap reference, a parallel combination of a 100
μF capacitor
and a 0.1
μF capacitor connected to the VREFOUT pin is recommended for low noise operation. When left
unconnected, the reference remains stable without a bypass capacitor. However, ensure that stray capacitance
at the VREFOUT pin remains below 50 pF.
6.2 INPUT RANGE
The LM12(H)454/8's fully differential ADC and reference voltage inputs generate a two's-complement output that
is found by using the equation below.
(6)
Round up to the next integer value between
−4096 to 4095 for 12-bit resolution and between −256 to 255 for 8-
bit resolution if the result of the above equation is not a whole number. As an example, VREF+ = 2.5V, VREF− = 1V,
VIN+ = 1.5V and VIN− = GND. The 12-bit + sign output code is positive full-scale, or 0,1111,1111,1111. If VREF+ =
5V, VREF− = 1V, VIN+ = 3V, and VIN− = GND, the 12-bit + sign output code is 0,1100,0000,0000.
6.3 INPUT CURRENT
A charging current flows into or out of (depending on the input voltage polarity) the analog input pins, IN0–IN7 at
the start of the analog input acquisition time (tACQ). This current's peak value will depend on the actual input
voltage applied. This charging current causes voltage spikes at the inputs. This voltage spikes will not corrupt the
conversion results.
6.4 INPUT SOURCE RESISTANCE
For low impedance voltage sources (<100
Ω for 5 MHz operation and <60Ω for 8 MHz operation), the input
charging current will decay, before the end of the S/H's acquisition time, to a value that will not introduce any
conversion errors. For higher source impedances, the S/H's acquisition time can be increased. As an example,
operating with a 5 MHz clock frequency and maximum acquisition time, the LM12(H)454/8's analog inputs can
handle source impedance as high as 6.67 k
Ω. When operating at 8 MHz and maximum acquisition time, the
LM12H454/8's analog inputs can handle source impedance as high as 4.17 k
Ω. Refer to Section 2.1, Instruction
RAM “00”, Bits 12–15 for further information.
6.5 INPUT BYPASS CAPACITANCE
External capacitors (0.01
μF to 0.1 μF) can be connected between the analog input pins, IN0–IN7, and analog
ground to filter any noise caused by inductive pickup associated with long input leads. It will not degrade the
conversion accuracy.
38
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM12454 LM12458 LM12H458


Similar Part No. - LM12454_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454CIV NSC-LM12454CIV Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12454_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com