Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12454 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM12454
Description  LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12454 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM12454_14 Datasheet HTML 35Page - Texas Instruments LM12454_14 Datasheet HTML 36Page - Texas Instruments LM12454_14 Datasheet HTML 37Page - Texas Instruments LM12454_14 Datasheet HTML 38Page - Texas Instruments LM12454_14 Datasheet HTML 39Page - Texas Instruments LM12454_14 Datasheet HTML 40Page - Texas Instruments LM12454_14 Datasheet HTML 41Page - Texas Instruments LM12454_14 Datasheet HTML 42Page - Texas Instruments LM12454_14 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
LM12454, LM12458, LM12H458
www.ti.com
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
6.6 NOISE
The leads to each of the analog multiplexer input pins should be kept as short as possible. This will minimize
input noise and clock frequency coupling that can cause conversion errors. Input filtering can be used to reduce
the effects of the noise sources.
6.7 POWER SUPPLIES
Noise spikes on the VA+ and VD+ supply lines can cause conversion errors; the comparator will respond to the
noise. The ADC is especially sensitive to any power supply spikes that occur during the auto-zero or linearity
correction. Low inductance tantalum capacitors of 10
μF or greater paralleled with 0.1 μF monolithic ceramic
capacitors are recommended for supply bypassing. Separate bypass capacitors should be used for the VA+ and
VD+ supplies and placed as close as possible to these pins.
6.8 GROUNDING
The LM12(H)454/8's nominal performance can be maximized through proper grounding techniques. These
include the use of a single ground plane and meticulously separating analog and digital areas of the board. The
use of separate analog and digital digital planes within the same board area generally provides best
performance. All components that handle digital signals should be placed within the digital area of the board, as
defined by the digital power plane, while all analog components should be placed in the analog area of the
board. Such placement and the routing of analog and digital signal lines within their own respective board areas
greatly reduces the occurrence of ground loops and noise. This will also minimize EMI/RFI radiation and
susceptibility.
It is recommended that stray capacitance between the analog inputs or outputs, including the reference pins, be
kept to a minimum by increasing the clearance (+1/16th inch) between the analog signal and reference pins and
the ground plane.
6.9 CLOCK SIGNAL CONSIDERATIONS
The LM12(H)458's performance is optimized by routing the analog input/output and reference signal conductors
(pins 34–44) as far as possible from the conductor that carries the clock signal to pin 23.
Avoid overshoot and undershoot on the clock line by treating this line as a transmission line (use proper
termination techniques). Failure to do so can result in erratic operation. Generally, a series 30
Ω to 50Ω resistor in
the clock line, located as close to the clock source as possible, will prevent most problems. The clock source
should drive ONLY the LM12(H)458 clock pin.
7.0 Common Application Problems
Driving the analog inputs with op-amp(s) powered from supplies other than the supply used for the
LM12(H)458. This practice allows for the possibility of the amplifier output (LM12(H)458 input) to reach potentials
outside of the 0V to VA+ range. This could happen in normal operation if the amplifier use supply voltages
outside of the range of the LM12(H)458 supply rails. This could also happen upon power up if the amplifier
supply or supplies ramp up faster than the supply of the LM12(H)458. If any pin experiences a potential more
than 100 mV below ground or above the supply voltage, even on a fast transient basis, the result could be erratic
operation, missing codes, one channel interacting with one or more of the others, skipping channels or a
complete malfunction, depending upon how far the input is driven beyond the supply rails.
Not performing a full calibration at power up. This can result in missing codes. The device needs to have a
full calibration run and completed after power up and BEFORE attempting to perform even a single conversion or
watchdog operation. The only way to recover if this is violated is to interrupt the power to the device.
Not waiting for the calibration process to complete before trying to write to the device. Once a calibration
is requested, the ONLY read of the LM12(H)458 should be if the Interrupt Status Register to check for a
completed calibration. Attempting a write or any other read during calibration would cause a corruption of the
calibration process, resulting in missing codes. The only way to recover would be to interrupt the power.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM12454 LM12458 LM12H458


Similar Part No. - LM12454_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454CIV NSC-LM12454CIV Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12454_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
logo
National Semiconductor ...
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com