Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12454 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM12454
Description  LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12454 Datasheet(HTML) 1 Page - Texas Instruments

  LM12454_14 Datasheet HTML 1Page - Texas Instruments LM12454_14 Datasheet HTML 2Page - Texas Instruments LM12454_14 Datasheet HTML 3Page - Texas Instruments LM12454_14 Datasheet HTML 4Page - Texas Instruments LM12454_14 Datasheet HTML 5Page - Texas Instruments LM12454_14 Datasheet HTML 6Page - Texas Instruments LM12454_14 Datasheet HTML 7Page - Texas Instruments LM12454_14 Datasheet HTML 8Page - Texas Instruments LM12454_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
LM12454, LM12458, LM12H458
www.ti.com
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
LM12454/LM12458/LM12H458 12-Bit + Sign Data Acquisition System with Self-Calibration
Check for Samples: LM12454, LM12458, LM12H458
1
FEATURES
Self-calibration and diagnostic mode
8- or 16-bit wide data bus microprocessor or
23
Three operating modes: 12-bit + sign, 8-bit +
DSP interface
sign, and “watchdog”
Single-ended or differential inputs
APPLICATIONS
Built-in Sample-and-Hold and 2.5V bandgap
Data Logging
reference
Instrumentation
Instruction RAM and event sequencer
Process Control
8-channel multiplexer
Energy Management
32-word conversion FIFO
Inertial Guidance
Programmable acquisition times and
conversion rates
DESCRIPTION
The LM12458, and LM12H458 are highly integrated Data Acquisition Systems. Operating on just 5V, they
combine a fully-differential self-calibrating (correcting linearity and zero errors) 13-bit (12-bit + sign) analog-to-
digital converter (ADC) and sample-and-hold (S/H) with extensive analog functions and digital functionality. Up to
32 consecutive conversions, using two's complement format, can be stored in an internal 32-word (16-bit wide)
FIFO data buffer. An internal 8-word RAM can store the conversion sequence for up to eight acquisitions through
the LM12(H)458's eight-input multiplexer. The obsolete LM12454 has a four-channel multiplexer, a differential
multiplexer output, and a differential S/H input. The LM12(H)458 can also operate with 8-bit + sign resolution and
in a supervisory “watchdog” mode that compares an input signal against two programmable limits.
Programmable acquisition times and conversion rates are possible through the use of internal clock-driven
timers. The reference voltage input can be externally generated for absolute or ratiometric operation or can be
derived using the internal 2.5V bandgap reference.
All registers, RAM, and FIFO are directly addressable through the high speed microprocessor interface to either
an 8-bit or 16-bit data bus. The LM12(H)458 includes a direct memory access (DMA) interface for high-speed
conversion data transfer.
Additional applications information can be found in applications notes AN-906, AN-947 and AN-949.
Table 1. Key Specifications
VALUE
UNIT
(fCLK = 5 MHz; 8 MHz, H)
Resolution
12-bit + sign or 8-bit + sign
13-bit conversion time
8.8
μs, 5.5 μs (H) (max)
9-bit conversion time
4.2
μs, 2.6 μs (H) (max)
88k
samples/s (min)
13-bit Through-put rate
140k
samples/s (H) (min)
Comparison time
2.2
μs (max),
(“watchdog” mode)
1.4
μs (H) (max)
ILE
±1
LSB (max)
VIN range
GND to VA
+
Power Consumption
30 mW, 34 mW (H) (max)
Stand-by mode
50
μW (typ)
Single supply
3 to 5.5
V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM12454_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454CIV NSC-LM12454CIV Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12454_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
logo
National Semiconductor ...
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com