Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLW11A090 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PLW11A090
Description  MAGIC LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLW11A090 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PLW11A090 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 7Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 8Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PLW11A090 Series
| Advanced Product Information
Datasheet No 292877 Issue 2
Page 2 of 11
15/04/2014
Absolute Maximum Ratings
Tamb = +25oC unless otherwise stated
Parameter
Symbol
Minimum
Maximum
Unit
DC Forward Current
IF
-
150
mA
Peak Pulse Forward Current[1]
IFP
-
180
mA
Reverse Voltage
VR
-
5
V
Storage Temperature
Tstg
-40
+100
oC
Junction Temperature
Tj
-
+120
oC
[1] Pulse width ≤10ms, duty cycle ≤10%
Electro-optical Characteristics
Tamb = +25oC unless otherwise stated
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 100mA
2.8
3.2
3.4
V
Reverse Current
IR
VR = 5V
-
-
10
µA
Correlated Colour
Tempertaure
CCT
IF = 100mA
2870
3220
K
3710
4260
5310
6020
Colour Rendering Index
CRI
IF = 100mA
70
80
%
Thermal Resistance
Rthj-sp
-
tbd
-
K/W
Half-Intensity Angle
1/2
IF = 100mA
-
120
-
deg
Recommended Operating Conditions
In typical applications, for optimum LED performance
Parameter
Symbol
Minimum
Maximum
Unit
Operating Ambient Temperature
Topr
-40
+85
oC


Similar Part No. - PLW11A090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLW111010 ETC2-PLW111010 Datasheet
486Kb / 9P
Plessey MAGIC PLW111010 PLCC-2 SMT LEDs are designed for ambient decorative lighting and automotive interior applications.
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
MAGIC LED
PLW111020-CW ETC1-PLW111020-CW Datasheet
789Kb / 13P
MAGIC LED
PLW111020-NW ETC1-PLW111020-NW Datasheet
789Kb / 13P
MAGIC LED
PLW111020-WW ETC1-PLW111020-WW Datasheet
789Kb / 13P
MAGIC LED
More results

Similar Description - PLW11A090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB11A090 ETC1-PLB11A090 Datasheet
584Kb / 9P
MAGIC LED
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
MAGIC LED
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
MAGIC LED
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
MAGIC LED
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
MAGIC LED
PLW114050 ETC1-PLW114050 Datasheet
767Kb / 14P
MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
MAGIC LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com