Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLW11A090 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLW11A090
Description  MAGIC LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLW11A090 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLW11A090 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 7Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 8Page - List of Unclassifed Manufacturers PLW11A090 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
[Type here]
Datasheet No 292877 Issue 2
1 of 11
15/04/2014
MAGIC LED
PLW11A090 Series
Advanced Product Information
Description
Plessey MAGIC PLW11A090 SMT LEDs are designed for ambient decorative lighting
and automotive interior applications. The light is emitted close to a Lambertian
distribution and hence this SMT package is naturally suitable for backlighting panels
and symbols. The LEDs are packed in reels containing 2000 pieces; every reel will be
shipped in single intensity and colour bin, to provide close uniformity.
Features
5630 footprint
High reliability PLCC packaging
Diffused pale yellow resin
120 degree wide viewing angle
GaN-on-Si die technology
Applications
Decoration Lighting
Instrument panel backlighting
Illumination symbols
General lighting
Signage lighting
Variant
Colour
CCT
Min.
Max.
PLW11A090-WW
Warm White
2870K
3220K
PLW11A090-NW
Neutral White
3710K
4260K
PLW11A090-CW
Cool White
5310K
6020K


Similar Part No. - PLW11A090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLW111010 ETC2-PLW111010 Datasheet
486Kb / 9P
   Plessey MAGIC PLW111010 PLCC-2 SMT LEDs are designed for ambient decorative lighting and automotive interior applications.
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
   MAGIC LED
PLW111020-CW ETC1-PLW111020-CW Datasheet
789Kb / 13P
   MAGIC LED
PLW111020-NW ETC1-PLW111020-NW Datasheet
789Kb / 13P
   MAGIC LED
PLW111020-WW ETC1-PLW111020-WW Datasheet
789Kb / 13P
   MAGIC LED
More results

Similar Description - PLW11A090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
   MAGIC LED
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
   MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
   MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
   MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
   MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
   MAGIC LED
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
   MAGIC LED
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
   MAGIC LED
PLB11A090 ETC1-PLB11A090 Datasheet
584Kb / 9P
   MAGIC LED
PLW114050 ETC1-PLW114050 Datasheet
767Kb / 14P
   MAGIC LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com