Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLW111020-NW Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PLW111020-NW
Description  MAGIC LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLW111020-NW Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PLW111020-NW Datasheet HTML 1Page - List of Unclassifed Manufacturers PLW111020-NW Datasheet HTML 2Page - List of Unclassifed Manufacturers PLW111020-NW Datasheet HTML 3Page - List of Unclassifed Manufacturers PLW111020-NW Datasheet HTML 4Page - List of Unclassifed Manufacturers PLW111020-NW Datasheet HTML 5Page - List of Unclassifed Manufacturers PLW111020-NW Datasheet HTML 6Page - List of Unclassifed Manufacturers PLW111020-NW Datasheet HTML 7Page - List of Unclassifed Manufacturers PLW111020-NW Datasheet HTML 8Page - List of Unclassifed Manufacturers PLW111020-NW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PLW111020 Series | Advanced Product Information
Datasheet No 292891 Issue 1
Page 5 of 5
28/03/2014
Colour Chromaticity
– Warm White
Warm White 2870-3220 K
3SW
3NE
3NW
3SE
x
y
x
y
x
y
x
y
0.4345
0.4033
0.4562
0.4260
0.4431
0.4213
0.4468
0.4077
0.4223
0.3990
0.4431
0.4213
0.4299
0.4165
0.4345
0.4033
0.4147
0.3814
0.4345
0.4033
0.4223
0.3990
0.4260
0.3854
0.4260
0.3854
0.4468
0.4077
0.4345
0.4033
0.4373
0.3893
Chromaticity co-ordinate tolerance for each bin is ±0.01
Figure 3A. CIE1931 chromaticity diagram (ANSI standard C78.377-2008)


Similar Part No. - PLW111020-NW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLW111010 ETC2-PLW111010 Datasheet
486Kb / 9P
Plessey MAGIC PLW111010 PLCC-2 SMT LEDs are designed for ambient decorative lighting and automotive interior applications.
More results

Similar Description - PLW111020-NW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
MAGIC LED
PLW11A090 ETC1-PLW11A090 Datasheet
520Kb / 11P
MAGIC LED
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
MAGIC LED
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
MAGIC LED
PLB11A090 ETC1-PLB11A090 Datasheet
584Kb / 9P
MAGIC LED
PLW114050 ETC1-PLW114050 Datasheet
767Kb / 14P
MAGIC LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com