Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLW111020-CW Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PLW111020-CW
Description  MAGIC LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLW111020-CW Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PLW111020-CW Datasheet HTML 1Page - List of Unclassifed Manufacturers PLW111020-CW Datasheet HTML 2Page - List of Unclassifed Manufacturers PLW111020-CW Datasheet HTML 3Page - List of Unclassifed Manufacturers PLW111020-CW Datasheet HTML 4Page - List of Unclassifed Manufacturers PLW111020-CW Datasheet HTML 5Page - List of Unclassifed Manufacturers PLW111020-CW Datasheet HTML 6Page - List of Unclassifed Manufacturers PLW111020-CW Datasheet HTML 7Page - List of Unclassifed Manufacturers PLW111020-CW Datasheet HTML 8Page - List of Unclassifed Manufacturers PLW111020-CW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PLW111020 Series | Advanced Product Information
Datasheet No 292891 Issue 1
Page 3 of 3
28/03/2014
Intensity Bin Groups
IF = 20mA, Tamb = +25oC, unless otherwise stated
Group
Luminous Intensity Iv [1] (mcd)
Typ. Luminous Flux
Φv (lm)
Min.
Max.
2D
1000
1300
3.6
1E
1300
1500
4.0
2E
1500
1800
5.0
[1] Tolerance ±10%
Forward Voltage Bin Groups
IF = 20mA, Tamb = +25oC, unless otherwise stated
Group
VF [1] (V)
Min.
Max.
V1
2.8
2.9
V2
2.9
3.0
V3
3.0
3.1
V4
3.1
3.2
V5
3.2
3.3
V6
3.3
3.4
[1] Tolerance ±0.05V


Similar Part No. - PLW111020-CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLW111010 ETC2-PLW111010 Datasheet
486Kb / 9P
Plessey MAGIC PLW111010 PLCC-2 SMT LEDs are designed for ambient decorative lighting and automotive interior applications.
More results

Similar Description - PLW111020-CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
MAGIC LED
PLW11A090 ETC1-PLW11A090 Datasheet
520Kb / 11P
MAGIC LED
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
MAGIC LED
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
MAGIC LED
PLB11A090 ETC1-PLB11A090 Datasheet
584Kb / 9P
MAGIC LED
PLW114050 ETC1-PLW114050 Datasheet
767Kb / 14P
MAGIC LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com