Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2122B Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # PS2122B
Description  PHASE SHIFTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

PS2122B Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  PS2122B Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION PS2122B Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION PS2122B Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2100 - 2200 MHz
OPTIMIZED BANDWIDTH
PHASE SHIFTER
SURFACE MOUNT MODEL:
PS2122B
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 1 of 3 ]
FEATURES:
Over 180º of Phase Shift
Low Control Voltage
Low VSWR
Low Insertion Loss
Lead Free Patented REL-PRO® Technology
SPECIFICATIONS (Rev. E 08/23/11)
Frequency
2100 - 2200 MHz
Insertion Loss (dB)
Typ.
Max.
2.1
2.4
Control Bandwidth
DC to 10 MHz
Control Voltage
0 - 15 Volts
Control Current
20 uA (Max.)
Phase Shift
180º (Min.)
VSWR
1.3:1 (Typ.)
RF Power
0 dBm (Max.)
Impedance
50 Ohms (Nom.)
Operating Temperature Range -40 to +85 °C
Absolute Maximum Ratings
Storage Temp. Range
-55 to +100 ºC
RF Input Power
20 dBm
Contol Voltage
+20 V
Package #
306
PORT IDENTIFICATION
Input
Output
CTRL
GND
1
3
5
All Others


Similar Part No. - PS2122B

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
PS2122A SYNERGY-PS2122A Datasheet
321Kb / 3P
PHASE SHIFTER
More results

Similar Description - PS2122B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PSD-2SH-1.9G MERRIMAC-PSD-2SH-1.9G Datasheet
96Kb / 1P
PHASE SHIFTER
logo
SYNERGY MICROWAVE CORPO...
PS-117 SYNERGY-PS-117 Datasheet
319Kb / 3P
PHASE SHIFTER
PS-352 SYNERGY-PS-352 Datasheet
330Kb / 3P
PHASE SHIFTER
PS-901 SYNERGY-PS-901 Datasheet
389Kb / 3P
PHASE SHIFTER
PS-909 SYNERGY-PS-909 Datasheet
303Kb / 3P
PHASE SHIFTER
PS-923 SYNERGY-PS-923 Datasheet
374Kb / 3P
PHASE SHIFTER
PS-927 SYNERGY-PS-927 Datasheet
320Kb / 3P
PHASE SHIFTER
PS210220B SYNERGY-PS210220B Datasheet
353Kb / 3P
PHASE SHIFTER
PS220230B SYNERGY-PS220230B Datasheet
420Kb / 3P
PHASE SHIFTER
SPS-312 SYNERGY-SPS-312 Datasheet
355Kb / 3P
PHASE SHIFTER
SPS-1300 SYNERGY-SPS-1300 Datasheet
343Kb / 3P
PHASE SHIFTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com