Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2521L-4 Datasheet(PDF) 4 Page - NEC

Part # PS2521L-4
Description  LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2521L-4 Datasheet(HTML) 4 Page - NEC

  PS2521L-4 Datasheet HTML 1Page - NEC PS2521L-4 Datasheet HTML 2Page - NEC PS2521L-4 Datasheet HTML 3Page - NEC PS2521L-4 Datasheet HTML 4Page - NEC PS2521L-4 Datasheet HTML 5Page - NEC PS2521L-4 Datasheet HTML 6Page - NEC PS2521L-4 Datasheet HTML 7Page - NEC PS2521L-4 Datasheet HTML 8Page - NEC PS2521L-4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PS2521-1,-2,-4,PS2521L-1,-2,-4
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise specified)
Ratings
Parameter
Symbol
PS2521-1,
PS2521L-1
PS2521-2, -4,
PS2521L-2, -4
Unit
Diode
Forward Current (DC)
IF
150
mA
Reverse Voltage
VR
6.0
V
Power Dissipation Derating
∆PD/°C
2.5
2.0
mW/
°C
Power Dissipation
PD
250
200
mW/ch
Peak Forward Current
*1
IFP
1A
Transistor
Collector to Emitter Voltage
VCEO
80
V
Emitter to Collector Voltage
VECO
6V
Collector Current
IC
50
mA/ch
Power Dissipation Derating
∆PC/°C
1.5
1.2
mW/
°C
Power Dissipation
PC
150
120
mW/ch
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input and output


Similar Part No. - PS2521L-4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2521L-4 CEL-PS2521L-4 Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2521L-4-A CEL-PS2521L-4-A Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2521L-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2525-1 NEC-PS2525-1 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2521-1 CEL-PS2521-1_06 Datasheet
361Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2521-1 CEL-PS2521-1 Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2521-1 RENESAS-PS2521-1 Datasheet
270Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2625 NEC-PS2625 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2533-1 NEC-PS2533-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
NEC
PS2532-1 NEC-PS2532-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com