Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1040 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT42QT1040
Description  Four-key QTouch Touch Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1040 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT42QT1040_14 Datasheet HTML 5Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 9Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 10Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
AT42QT1040 [DATASHEET]
9524D–AT42–05/2013
4.
Detailed Operations
4.1
Adjacent Key Suppression
The use of AKS is selected by the connection of a 1 M
 resistor (RAKS resistor) between the SNSK0 pin and either
Vdd (AKS mode on) or Vss (AKS mode off).
Note:
Changing the RAKS option will affect the sensitivity of the particular key. Always check that the sensitivity is
suitable after a change. Retune Cs0 if necessary.
4.2
Discrete Outputs
There are four discrete outputs (channels 0 to 3), located on pins OUT0 to OUT3. An output pin goes active when
the corresponding key is touched. The outputs are open-drain type and are active-low.
On the OUT2 pin there is a ~500 ns low pulse occurring approximately 20 ms after a power-up/reset (see Figure 4-1
for an example oscilloscope trace of this pulse at two zoom levels). This pulse may need to be considered from the
system design perspective.
The discrete outputs have sufficient current sinking capability to directly drive LEDs. Try to limit the sink current to
less than 5 mA per output and be cautious if connecting LEDs to a power supply other than Vdd; if the LED supply is
higher than Vdd it may cause erratic behavior of the QT1040 and back-power the QT1040 through its I/O pins.
Table 4-1.
RAKS Resistor
RAKS Connected To...
Mode
Vdd
AKS on
Vss
AKS off
The RAKS resistor should always be connected to either Vdd or Vss and should not be
changed during operation of the device.


Similar Part No. - AT42QT1040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040-MMH ATMEL-AT42QT1040-MMH Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
More results

Similar Description - AT42QT1040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com