Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1040 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT42QT1040
Description  Four-key QTouch Touch Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1040 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT42QT1040_14 Datasheet HTML 1Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 2Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 3Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 4Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 5Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
9524D–AT42–05/2013
Features
Number of QTouch® Keys:
Up to four
Discrete Outputs:
Four discrete outputs indicating individual key touch
Technology:
Patented spread-spectrum charge-transfer (direct mode)
Electrode Design:
Simple self-capacitance style (refer to the Touch Sensors Design Guide)
Electrode Materials:
Etched copper, silver, carbon, Indium Tin Oxide (ITO)
Electrode Substrates:
PCB, FPCB, plastic films, glass
Panel Materials:
Plastic, glass, composites, painted surfaces (low particle density metallic
paints possible)
Panel Thickness:
Up to 10 mm glass, 5 mm plastic (electrode size dependent)
Key Sensitivity:
Fixed key threshold, sensitivity adjusted via sample capacitor value
Adjacent Key Suppression
Patented Adjacent Key Suppression® (AKS®) technology to enable accurate
key detection
Interface:
Pin-per-key outputs, plus debug mode to observe sensor signals
Moisture Tolerance:
Increased moisture tolerance based on hardware design and firmware tuning
Signal Processing:
Self-calibration, auto drift compensation, noise filtering
Applications:
Mobile, consumer, white goods, toys, kiosks, POS, and so on
Power:
1.8V –5.5 V
Package:
20-pin 3 x 3 mm VQFN RoHS compliant
Atmel AT42QT1040
Four-key QTouch® Touch Sensor IC
DATASHEET


Similar Part No. - AT42QT1040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040-MMH ATMEL-AT42QT1040-MMH Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
More results

Similar Description - AT42QT1040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com