Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1040 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT42QT1040
Description  Four-key QTouch Touch Sensor IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1040 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT42QT1040_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 9Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 10Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
AT42QT1040 [DATASHEET]
9524D–AT42–05/2013
Figure 4-1.
~500 ns Pulse On OUT2 Pin
4.3
Speed Selection
Speed selection is determined by a 1 M
 resistor (RFS resistor) connected between SNSK1 and either Vdd (Fast
Mode) or Vss (Slow Mode).
In Fast Mode, the device sleeps for 16 ms between burst acquisitions. In Slow Mode, the device sleeps for 64 ms
between acquisitions. Hence, Slow Mode conserves more power but results in slightly less responsiveness.
Note:
The RFS resistor should always be connected to either Vdd or Vss and not changed during operation of the
device. Changing the RFS option will affect the sensitivity of the particular key. Always check that the
sensitivity is suitable after a change. Retune Cs1 if necessary.
4.4
Moisture Tolerance
The presence of water (condensation, sweat, spilt water, and so on) on a sensor can alter the signal values
measured and thereby affect the performance of any capacitive device. The moisture tolerance of QTouch devices
can be improved by designing the hardware and fine-tuning the firmware following the recommendations in the
application note Atmel AVR3002: Moisture Tolerant QTouch Design (www.atmel.com/Images/doc42017.pdf).
Pulse on OUT2
SNS0K
OUT2
SNS0K
OUT2
~20 ms
Power-on/
Reset
Table 4-2.
RFS Resistor
RFS Connected To
Mode
Vdd
Fast mode
Vss
Slow mode


Similar Part No. - AT42QT1040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040-MMH ATMEL-AT42QT1040-MMH Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
More results

Similar Description - AT42QT1040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com