Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1040 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT42QT1040
Description  Four-key QTouch Touch Sensor IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1040 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT42QT1040_14 Datasheet HTML 1Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 2Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 3Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 4Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 5Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT1040_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
AT42QT1040 [DATASHEET]
9524D–AT42–05/2013
1.2
Pin Descriptions
I/O
CMOS input and output
OD
CMOS open drain output
P
Ground or power
Table 1-1.
Pin Listing
Pin
Name
Type
Function
Notes
If Unused...
1
SNS2
I/O
Sense pin
To Cs2
Leave open
2
SNSK1
I/O
Sense pin and option detect
To Cs1 and option resistor +
key
Connect to option
resistor*
3
SNS1
I/O
Sense pin
To Cs1
Leave open
4
SNSK0
I/O
Sense pin and option detect
To Cs0 and option resistor +
key
Connect to option
resistor*
5
SNS0
I/O
Sense pin
To Cs0
Leave open
6
N/C
7
N/C
8
Vss
P
Supply ground
9
Vdd
P
Power
10
N/C
11
OUT0
OD
Out 0
Alternative function: Debug
CLK
Leave open
12
OUT1
OD
Out 1
Alternative function: Debug
DATA
Leave open
13
OUT3
OD
Out 3
Leave open
14
OUT2
OD
Out 2
Leave open
15
SNSK3
I/O
Sense pin
To Cs3 + key
Leave open
16
SNS3
I/O
Sense pin
To Cs3
Leave open
17
N/C
18
N/C
19
N/C
20
SNSK2
I/O
Sense pin
To Cs2 + key
Leave open
* Option resistor should always be fitted even if channel is unused and Cs capacitor is not fixed.


Similar Part No. - AT42QT1040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040-MMH ATMEL-AT42QT1040-MMH Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
More results

Similar Description - AT42QT1040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com