Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 4Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 5Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 9Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 10Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
3.
Wiring and Parts
3.1
Cs Sample Capacitors
Cs0 – Cs10 are the charge sensing sample capacitors. Normally they are identical in nominal value. The optimal Cs
values depend on the thickness of the panel and its dielectric constant. Thicker panels require larger values of Cs.
Values can be in the range 2.2 nF (for faster operation) to 33 nF (for best sensitivity); typical values are 4.7 nF to
10 nF.
The value of Cs should be chosen so that a light touch on a key produces a reduction of ~20 to 30 in the key signal
value (see Section 6.8 on page 26). The chosen Cs value should never be so large that the key signals exceed
~1000, as reported by the chip in the debug data.
The Cs capacitors must be X7R or PPS film type, for stability. For consistent sensitivity, they should have a 10
percent tolerance. Twenty percent tolerance may cause small differences in sensitivity from key to key and unit to
unit. If a key is not used, the Cs capacitor may be omitted.
3.2
Rs Resistors
The series resistors Rs0 – Rs10 are inline with the electrode connections and should be used to limit electrostatic
discharge (ESD) currents and to suppress radio frequency (RF) interference. Values should be approximately 2 k
to 20 k
 each; a typical value is 4.7 k.
Although these resistors may be omitted, the device may become susceptible to external noise or radio frequency
interference (RFI). For details of how to select these resistors see the Application Note QTAN0002, Secrets of a
Successful QTouch Design, downloadable from the Touch Technology area of the Atmel website, www.atmel.com.
3.3
LED Traces and Other Switching Signals
Digital switching signals near the sense lines can induce transients into the acquired signals, deteriorating the SNR
performance of the device. Such signals should be routed away from the sensing traces and electrodes, or the
design should be such that these lines are not switched during the course of signal acquisition (bursts).
LED terminals which are multiplexed or switched into a floating state, and which are within, or physically very near, a
key (even if on another nearby PCB) should be bypassed to either Vss or Vdd with at least a 1 nF capacitor. This is
to suppress capacitive coupling effects which can induce false signal shifts. The bypass capacitor does not need to
be next to the LED, in fact it can be quite distant. The bypass capacitor is noncritical and can be of any type.
LED terminals which are constantly connected to Vss or Vdd do not need further bypassing.
3.4
PCB Cleanliness
Modern no-clean flux is generally compatible with capacitive sensing circuits.
CAUTION: If a PCB is reworked to correct soldering faults relating to the QT1110, or to any
associated traces or components, be sure that you fully understand the nature of the flux used
during the rework process. Leakage currents from hygroscopic ionic residues can stop
capacitive sensors from functioning. If you have any doubts, a thorough cleaning after rework
may be the only safe option.


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com