Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 5Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 9Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 10Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
3.5
Power Supply
3.5.1
General Considerations
See Section 8.2 on page 38 for the power supply range. If the power supply fluctuates slowly with temperature, the
device tracks and compensates for these changes automatically with only minor changes in sensitivity. If the supply
voltage drifts or shifts quickly, the drift compensation mechanism is not able to keep up, causing sensitivity
anomalies or false detections.
The usual power supply considerations with QT parts apply to the device. The power should be clean and come from
a separate regulator if possible. However, this device is designed to minimize the effects of unstable power, and,
except in extreme conditions, should not require a separate Low Dropout (LDO) regulator.
See underneath Figure 1.3 on page 4 for suggested regulator manufacturers.
It is assumed that a larger bypass capacitor (like1 µF) is somewhere else in the power circuit; for example, near the
regulator.
3.5.2
Brownout Detection
The QT1110 includes a power supply monitoring circuit that detects if Vdd drops below a safe operating voltage.
When this occurs, the device goes into a Reset state, where no acquisition or processing is carried out. The device
remains in this state until Vdd returns to the specified voltage range.
Once a safe operating voltage is detected, the QT1110 behaves as per normal power-on/reset conditions; that is,
any saved settings are restored from EEPROM, the internal self-tests are run and all channels are calibrated.
The Brown-out detector threshold is 2.7 V ±10%.
3.6
QFN Package Restrictions
The central pad on the underside of the QFN chip should be connected to ground. Do not run any tracks underneath
the body of the chip, only ground. Figure 3-1 shows examples of good and bad tracking.
Figure 3-1.
Examples of Good and Bad Tracking
Caution: A regulator IC shared with other logic can result in erratic operation and is not
advised.
A single ceramic 0.1 µF bypass capacitor, with short traces, should be placed very close to
the power pins of the IC. Failure to do so can result in device oscillation, high current
consumption, or erratic operation.
Example of GOOD tracking
Example of BAD tracking


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com