Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 1 Page - ATMEL Corporation

  AT42QT1110-AU_14 Datasheet HTML 1Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 2Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 3Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 4Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 5Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
9520J–AT42–05/2013
Features
Sensor Keys:
Up to 11 QTouch® channels
Data Acquisition:
Measurement of keys triggered either by a signal applied to the SYNC pin or at
regular intervals timed by the AT42QT1110 internal clock
Keys measured sequentially for better performance, or in parallel groups for faster
operation
Raw data for key touches can be read as a report over the SPI interface
Discrete Outputs:
Configurable “Detect” outputs indicating individual key touch (7-key mode)
Device Setup:
Device configuration can be stored in EEPROM
Technology:
Patented spread-spectrum charge-transfer (direct mode)
Key Outline Sizes:
6 mm × 6 mm or larger (panel thickness dependent); widely different sizes and
shapes possible, including solid or ring shapes
Key Spacings:
7 mm center-to-center or more (panel thickness dependent)
Layers Required:
One
Electrode Materials:
Etched copper, silver, carbon, Indium Tin Oxide (ITO)
Electrode Substrates:
PCB, FPCB, plastic films, glass
Panel Materials:
Plastic, glass, composites, painted surfaces (low particle density metallic paints
possible)
Panel Thickness:
Up to 10 mm glass, 5 mm plastic (electrode size dependent)
Key Sensitivity:
Individually settable via simple commands over serial interface
Adjacent Key Suppression® (AKS®)
Patented AKS technology to enable accurate key detection
Interface:
Full-duplex SPI slave mode (1.5 MHz), CHANGE pin, discrete detection outputs
Moisture Tolerance
Increased moisture tolerance based on hardware design and firmware tuning
Power:
3 V – 5.5 V
Package:
32-pin 5 × 5 mm QFN RoHS compliant
32-pin 7 × 7 mm TQFP RoHS compliant
Signal Processing:
Self-calibration, auto drift compensation, noise filtering, AKS technology
Applications:
Consumer and industrial applications, such as TV, media player
Atmel AT42QT1110-MU
AT42QT1110-AU
11-key QTouch
® Touch Sensor IC
DATASHEET


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com