Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 9Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 10Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
When the QT1110 is expecting a CRC byte, it returns (on MISO) the calculated CRC byte which it expects to
receive. This is sent simultaneously with the QT1110 receiving the CRC byte from the master (that is, during the
same byte exchange). This allows both devices to confirm that the data was sent correctly.
All data returned by the QT1110 is also be followed by a CRC byte, allowing the master to confirm the integrity of the
data transmission.
4.1.4
SPI Commands
There are three types of communication between the SPI master and the QT1110:
Control commands (see Section 5. on page 22)
To send control instructions to the QT1110
Report requests (see Section 6. on page 24)
To reading status information from the QT1110
Setup commands (see Section 7. on page 28)
To set configuration options (“Set” instructions)
To read configuration options (“Get” instructions)
Additionally the NULL command (0x00) is transmitted by the host device as it is receiving data from the QT1110.
4.1.4.1 Control Commands
A control command is an instruction sent to the QT1110 that controls operations of the device, and for which no
response is required. Examples of control commands are: Reset, Calibrate, Send Setups.
With the exception of Send Setups, control commands normally require a single byte exchange, unless CRC
checking is enabled, in which case a second byte must be transmitted by the host with the calculated CRC of the
command byte.
Figure 4-1.
Sleep Command – CRC Disabled
Figure 4-2.
Sleep Command – CRC Enabled
Host (Sends on MOSI)
Device (Responds on MISO)
Simultaneous
Transmission
Command: 0x05
Response: 0x55 ( Idle”
Fresh Command)
Host (Sends on MOSI)
Command: 0x05
Simultaneous
Transmission
Command CRC: 0x3F
Response: 0x3F (Expected Command CRC)
Response: 0x55 ( Idle”
Fresh Command)
Device (Responds on MISO)


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com