Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 9Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 10Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
13
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
For example, Figure 4-3 on page 12 shows the exchange that takes place to read the 2-byte All Keys report. In this
exchange, the host sends:
0xC1
— 0x00 — 0x00
and the QT1110 returns (simultaneously):
0x55
— Report Byte 0 — Report Byte 1
If CRC is enabled, this exchange is extended to 5 bytes, as shown in Figure 4-4.
Figure 4-4.
All Keys Report – CRC Enabled
4.1.5.1 Set Instructions
Set Instructions are 2-byte transmissions by the host that are used to send settings to individual locations in the
device memory map.
At the first byte, the QT1110 returns 0x55 (Idle) to confirm that it will interpret the byte as a new command. At the
second byte, the QT1110 returns the Set command it has just received.
For example, to set the Positive Recalibration Delay to 1920 ms, address 5 in the memory map is set to 12 (0x0C).
This is done with the Set command for address 5 (command code 0x95), as shown in Figure 4-5 on page 14.
Host (Sends on MOSI)
Command: 0xC1
Null: 0x00
Key Status Report Byte 0
Null: 0x00
Key Status Report Byte 1
Null: 0x00
Report CRC: 0x??
Simultaneous
Transmission
Command CRC: 0x94
Response: 0x94 (Expected Command CRC)
Response: 0x55 ( Idle”
Fresh Command)
Device (Responds on MISO)


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com