Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
16
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
4.1.6
Quick SPI Mode
4.1.6.1 Introduction
In Quick SPI Mode, the QT1110 sends a 7-byte key report at each exchange. No host commands are required over
SPI in this mode; the host clocks the data bytes out in sequence. Quick SPI mode is enabled by setting the SPI_EN
bit in the Comms Options setup byte (see Section 7.5 on page 30).
4.1.6.2 Quick SPI Report
The 7 report bytes are in the format given in Table 4-1.
where:
Byte 0 is a counter that increments from 0 to 254 on successive exchanges to confirm that firmware is
operating correctly.
Bytes 1 – 3 indicate the detect status of channels 0 – 3, 4 – 7 and 8 – 10 respectively (two bits per channel),
as follows:
00 = Channel not in detect
01 = Channel in detect
10 = Not Allowed
11 = Invalid Signal (Channel disabled)
Bytes 4 – 6 indicate the error status of channels 0 – 3, 4 – 7 and 8 – 10 respectively (two bits per channel), as
follows:
00 = No error
01 = Not allowed
10 = Error on channel
11 = Invalid signal (channel disabled)
Successive byte exchanges in Quick SPI mode cycle through the 7 bytes of status information. If synchronization is
lost, the host must either re-synchronize by identifying the incrementing counter byte (byte 0) or pausing
communications for at least 100 ms so the QT1110 will reset its SPI state.
Table 4-1.
Device Status Report Format
Byte
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
Counter
Counter – increments from 0 to 255
1
Detect status, channels 0 – 3
Channel 3
Channel 2
Channel 1
Channel 0
2
Detect status, channels 4 – 7
Channel 7
Channel 6
Channel 5
Channel 4
3
Detect status, channels 8 –
10
Reserved
Channel 10
Channel 9
Channel 8
4
Error status, channels 0 – 3
Channel 3
Channel 2
Channel 1
Channel 0
5
Error status, channels 4 – 7
Channel 7
Channel 6
Channel 5
Channel 4
6
Error status, channels 8 – 10
Reserved
Channel 10
Channel 9
Channel 8


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com