Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
17
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
4.1.6.3 Commands in Quick SPI Mode
Only two host commands are recognized under Quick SPI mode. These are shown in Table 4-2.
CRC checking is not implemented in Quick SPI mode for host commands or return data.
4.1.6.4 Quick SPI Mode timing
In Quick SPI mode, the minimum time between byte exchanges is reduced to 50 µS.
If a pause in communications of 100 ms is detected during reading of the 7-byte report, the QT1110 resets the
exchange, and on the next byte read it returns byte 0 of the report.
4.2
Reset
The QT1110 can be reset using one of two methods:
Hardware reset: An external reset logic line can be used if desired, fed into the RESET pin. However, under
most conditions it is acceptable to tie RESET to Vdd.
Software reset: A software reset can be forced using the “Reset” control command.
For both methods, the device will follow the same initialization sequence. If there any saved settings in the
EEPROM, these are loaded into RAM. Otherwise the default settings are applied.
Note:
The SPI interface becomes active after the QT1110 has completed its startup sequence, taking
approximately 160 ms after power on/reset.
4.3
Sleep Mode
The QT1110 can be put into a very low power sleep mode (typically < 2 µA). During sleep mode, no keys are
measured and the DETECT outputs are all put into high impedance mode to minimize current consumption. The
device remains in sleep mode until a falling edge is detected on either the SS pin or the CHANGE pin. When the
QT1110 wakes from sleep mode, it continues to operate as it was before it was put into sleep mode. The QT1110
requires approximately 100 µs to wake from sleep mode and will not respond correctly to SPI communications until
the wake-up procedure is complete. The low level on the SS or CHANGE pin that is used to wake the device must be
maintained for 100 µs to ensure correct operation.
Note:
If the device is set to sleep mode for an extended period, the host should initiate a recalibration immediately
after waking the QT1110.
4.4
Calibration
The device can be forced to recalibrate the sensor keys at any time. This can be useful where, for example, a
portable device is plugged into mains power, or during product development when settings are being tuned.
The QT1110 can also be configured to automatically recalibrate if it remains in detection for too long. This avoids
keys becoming “stuck” after a prolonged period of uninterrupted detection. See Section 7.18 on page 37 for details.
Table 4-2.
Host Commands in Quick SPI Mode
Command
Code
Purpose
Store to EEPROM
0x0A
Allows for “Quick SPI mode” to be stored as the default start-up mode
Enable Full SPI
0x36
Enables full SPI mode


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com