Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
20
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
Figure 4-9.
Guard Channel Example
4.10
Self-test Functions
4.10.1 Internal Hardware Tests
Internal hardware tests check for hardware failure in the device internal memory areas and data paths. Any failure
detected in the function or contents of application ROM, RAM or registers causes the device to reset itself.
The application code is scanned with a CRC check routine to confirm that the application data is all correct.
The RAM and registers are checked periodically (every 10 seconds) for dynamic and static failures.
4.10.2 Functional Checks
Functional checks confirm that the device is operating within expected parameters; any failure detected in these
tests is notified to the system host. The device will continue to operate in the event that such functional failures are
detected.
The functional tests are:
Check that the channel-measurement signals are within the defined range.
Confirm that data stored in the EEPROM is valid.
These tests are carried out as the particular functions are used. For example, the EEPROM is checked when the
device attempts to load data from EEPROM, and the channel signals are checked when a measurement is carried
out.
Note:
If a particular channel is unused, the threshold of that channel should be set to 0 to prevent the incorrect
reporting of the unused channel as being in an error state.
4.11
Signal Processing
4.11.1 Detection Integrator
The device features a detection integration mechanism, which acts to confirm a detection in a robust fashion. A per-
key counter is incremented each time the key has exceeded its threshold. When this counter reaches a preset limit
the key is finally declared to be touched. For example, if the DI limit is set to 10, then a key signal must fall by more
than the key threshold, and remain below that level for 10 acquisitions, before the key is declared to be touched.
Similarly, the DI is applied to a key that is going out of detect: it must take 10 acquisitions where the signal has not
exceeded its detect threshold before it is declared to leave touch.
4.11.2 Burst Length Limitations
The maximum burst length is 2048 pulses. The recommended design is to use a capacitor that gives a signal of
<1000 pulses.
The number of pulses in the burst can be obtained by reading the key signal (that is, the number of pulses to
complete measurement of the key signal) over the SPI interface (see Section 6.8 on page 26). Alternatively, a scope
can be used to measure the entire burst, and then the burst length divided by the time for a single pulse.
Guard Channel
Formed of One Key
Key Pad Formed
of Six Keys


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com