Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 24Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 25Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 26Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 27Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 28Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
25
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
ERROR: 0 = there are no keys in an error state; 1 = at least one key is in error state.
KEY_NUM: the key number (0 to 10) of the key in detect (if there is only one), or the number of the first key to go into
detection when there are more than one.
6.3
All Keys (0xC1)
Returns a 2-byte bit-field report indicating the detection status of all 11 keys.
KEY_n: 0 = key n out of detect, 1 = key n in detect (where n is 0 – 10).
6.4
Device Status (0xC2)
This command returns a 1-byte bit-field report indicating the overall status of the QT1110.
Bits 7 is always 1; the other bits are as follows:
DETECT: 0 = no key in detect, 1 = at least 1 key in detect.
CYCLE: 0 = cycle time is good, 1 = cycle time over-run. A cycle time over-run occurs when it takes longer to
measure and process all the keys than the assigned cycle time.
ERROR: 0 = no key in error state, 1 = at least 1 key in error.
CHANGE: 0 = CHANGE pin is asserted, 1 = CHANGE pin is floating.
EEPROM: 0 = EEPROM is good, 1 = EEPROM has an error. If there are no settings stored in EEPROM, the
EEPROM error bit is set and a zero EEPROM CRC is returned.
RESET: set to 1 after power-on or reset, cleared when “Device Status” is read.
GUARD: 0 = guard channel is not in detect, 1 = guard channel is active or in detect. This bit will be zero if the guard
channel is not enabled.
6.5
EEPROM CRC (0xC3)
This command returns a 1-byte CRC checksum for the setup data in EEPROM.
6.6
RAM CRC (0xC4)
This command returns a 1-byte CRC checksum for the setup data in RAM.
Table 6-3.
Send All Keys Report Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 0
KEY_10
KEY_9
KEY_8
Byte 1
KEY_7
KEY_6
KEY_5
KEY_4
KEY_3
KEY_2
KEY_1
KEY_0
Table 6-4.
Device Status Report Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 0
1
DETECT
CYCLE
ERROR
CHANGE
EEPROM
RESET
GUARD


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com