Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 25Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 26Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 27Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 28Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 29Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 30Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 31Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 32Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
29
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
7.2
Setting Individual Settings
To set up an individual setup value, the host sends the command listed under the “Set Command” column in Table 7-
1, followed by a byte of data.
For details of the communication flow, see Section 4.1 on page 10.
7.3
Setting All the Setups
The host can send all 42 bytes of setup data to the QT1110 as a block using the Send Setups command. See
Section 5.2 on page 22 for details.
7.4
Address 0: Device Mode
The Device Mode controls the overall operation of the device: number of keys, acquisition method, timing and trigger
mechanism.
KEY_AC: selects the trigger source to start key acquisition; 0 = SYNC pin, 1 = timed.
MODE: selects 7-key or 11-key mode; 0 = default 7-key mode, 1 = 11-key mode.
SIGNAL: selects serial or parallel acquisition of keys signals; 0 = serial, 1 = parallel.
29
Key10 Negative Threshold (NTHR)/Negative Hysteresis (NHYST)
0xAD
0xED
30
Extend Pulse Time
0xAE
0xEE
31
Key0 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xB0
0xF0
32
Key1 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xB1
0xF1
33
Key2 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xB2
0xF2
34
Key3 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xB3
0xF3
35
Key4 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xB4
0xF4
36
Key5 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xB5
0xF5
37
Key6 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xB6
0xF6
38
Key7 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xB7
0xF7
39
Key8 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xB8
0xF8
40
Key9 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xB9
0xF9
41
Key10 Negative Drift Compensation (NDRIFT)/Negative Recalibration Delay (NRD)
0xBA
0xFA
Table 7-1.
Memory Map (Continued)
Address
Function
Set
Command
Get
Command
Table 7-2.
Device Mode
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
KEY_AC
MODE
SIGNAL
SYNC
REPEAT_TIME


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com