Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT42QT1110-AU_14 Datasheet HTML 1Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 2Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 3Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 4Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 5Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 6Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 7Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 8Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
I
Input only
I/O
Input and output
O
Output only, push-pull
OD
Open drain output
P
Ground or power
12
SNS5
I/O
Sense Pin
Leave open
13
SNS5K
I/O
Sense Pin
Leave open
14
SS
I
Enable SPI
Vss via 100 k
 resistor to enable SPI
Vdd via 100 k
 resistor to disable SPI
15
MOSI
I
SPI Data In
Leave open
16
MISO
O
SPI Data Out
Leave open
17
SCK
I
SPI Clock
Leave open
18
Vdd
P
Power
19
SNS6K
I/O
Sense Pin
Leave open
20
SNS6
I/O
Sense Pin
Leave open
21
Vss
P
Supply Ground
22
SNS7K/DETECT0
I/O
Sense Pin/Key Status Indicator
Leave open
23
SNS7/DETECT1
I/O
Sense Pin/Key Status Indicator
Leave open
24
SNS8/DETECT2
I/O
Sense Pin / Key Status Indicator
Leave open
25
SNS8K/DETECT3
I/O
Sense Pin / Key Status Indicator
Leave open
26
SNS9/DETECT4
I/O
Sense Pin / Key Status Indicator
Leave open
27
SNS9K/DETECT5
I/O
Sense Pin / Key Status Indicator
Leave open
28
CHANGE
OD
Touch Event Indicator
Leave open
29
RESET
I
Reset
Vdd
30
SNS10/DETECT6
I/O
Sense Pin / Key Status Indicator
Leave open
31
SNS10K/SYNC
I/O
Sense Pin / Synchronization Input
Vdd or Vss via 100 k
 resistor
32
SNS0
I/O
Sense Pin
Leave open
Table 1-1.
Pin Listing (Continued)
Pin
Name
Type
Comments
If Unused, Connect To...


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com