Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 30Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 31Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 32Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 33Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 34Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 35Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 36Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 37Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
34
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
IN_DETECTn: PWM to output when key n is “In Detect” (where n is 0–6).
OUT_DETECTn: PWM to output when key n is “Out of Detect” (where n is 0–7). This PWM is also output if the
DETECT output is “disconnected” from the key (that is, “LED_n” in address 17 is set to 0), allowing the host to
directly control the PWM output.
The values for the “IN_DETECTn” and “OUT_DETECTn” nibbles are listed in Table 7-11.
Default IN_DETECTn value:
8 (100% PWM – on)
Default OUT_DETECTn value:
0 (0% PWM – off)
7.13
Address 16: LED Detect Hold Time
When a key is touched, if the “Detect” outputs and “Key to LED” options are enabled (see Section 7.12 and Section
7.14), the corresponding “Detect” pin will output its “In-Detect” PWM signal.
After the key touch is removed, the “Detect” output can be held at the “In-Detect” PWM signal for a time before
returning to the “Out of Detect” PWM signal. This allows a reasonable length of time for an LED to be illuminated.
The length of this time is controlled by the LED Detect Hold Time. Valid values are in multiples of 16 ms.
Default value:
0 (0 ms)
Table 7-11.
PWM Values
Value
Meaning
0
0%
1
12.5%
2
25%
3
37.5%
4
50%
5
62.5%
6
75%
7
87.5%
8
100%
Table 7-12. LED Detect Hold Time
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
16
LED_DETECT_HOLD_TIME


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com