Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 31Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 32Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 33Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 34Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 35Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 36Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 37Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 38Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
35
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
7.14
Address 17: LED Fade/Key to LED
FADE: enables/disables fading for all LEDs. This is a global setting; either all LEDs fade, or none of them.
0 = disable (no fade).
1 = enable fading on and off.
LED_n: activates the LED output for the corresponding key output DETECTn (where n is 0–6).
1 = enables the “Detect” output to follow the status of the corresponding key.
0 = disable this function, in which case the “Detect” pin will always output its “Out of Detect” PWM (see Section 7.12
on page 33).
Default FADE value:
0 (disabled)
Default LED_n value:
1 (enabled)
7.15
Address 18: LED Latch
LATCH_n: enables/disables latching of the LED for the corresponding key output DETECTn (where n is 0–6).
1 = enables latching. When latching is enabled for a given LED, the LED toggles its state each time the key is
touched.
0 = disables latching.
Note that bit 7 is reserved and should be set to zero.
Default LATCH_n value:
0x00
(latch disabled)
7.16
Addresses 19 – 29: Negative Threshold (NTHR) / Negative Hysteresis (NHYST)
Table 7-13. LED Fade/Key to LED
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
17
FADE
LED_6
LED_5
LED_4
LED_3
LED_2
LED_1
LED_0
Table 7-14. LED Latch
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
18
0
LATCH_6
LATCH_5
LATCH_4
LATCH_3
LATCH_2
LATCH_1
LATCH_0
Table 7-15. Negative Threshold / Negative Hysteresis
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
19
KEY_0_NTHR
KEY_0_NHSYT
20
KEY_1_NTHR
KEY_1_NHSYT
21
KEY_2_NTHR
KEY_2_NHSYT
22
KEY_3_NTHR
KEY_3_NHSYT
23
KEY_4_NTHR
KEY_4_NHSYT
24
KEY_5_NTHR
KEY_5_NHSYT
25
KEY_6_NTHR
KEY_6_NHSYT


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com