Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1110-AU Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT42QT1110-AU
Description  11-key QTouch Touch Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1110-AU Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT42QT1110-AU_14 Datasheet HTML 33Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 34Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 35Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 36Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 37Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 38Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 39Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 40Page - ATMEL Corporation AT42QT1110-AU_14 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
37
AT42QT1110-MU / AT42QT1110-AU [DATASHEET]
9520J–AT42–05/2013
7.18
Addresses 31 – 41: Negative Drift Compensation (NDRIFT) / Negative Recalibration Delay
(NRD)
KEY_n_NDRIFT: the negative drift compensation for key n (where n is 0–10).
When changing ambient conditions cause a change in the key signal, the QT1110 will compensate through its drift
functions. “Negative Drift” refers to the case where the signal for a key is lower than the reference. Drift
compensation occurs at a rate of 1 count per drift compensation period. The entered number is a multiple of 320 ms.
Note that as a key touch, or an approaching touch, naturally causes a negative change in the signal, negative drift
should be carried out at a much slower rate than positive drift. Otherwise, a slowly approaching finger will not cause
a touch detection, as the falling signal could be compensated through the negative drift mechanism.
Note:
Drift compensation timing is paused while Drift Hold is activated, and continues when Drift Hold has timed
out.
KEY_n_NRD: the negative recalibration delay for key n (where n is 0 – 10).
In order to avoid a situation where a key remains “stuck” in detect due to, for example, changing environmental
conditions, the “Negative Recalibration Delay” sets an upper limit on how long a key can remain “touched”. When
this time is exceeded, the QT1110 (that is, all keys) is recalibrated, taking this key (and any others which are in
detect) out of detection. This delay is set in a multiple of 2560 ms.
Note:
A setting of “0” disables the NRD Timeout.
Default KEY_n_NDRIFT value:
7 (2240 ms)
Default KEY_n_NRD value:
10 (25.6 s)
Table 7-17. Negative Drift Compensation / Negative Recalibration Delay
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
31
KEY_0_NDRIFT
KEY_0_NRD
32
KEY_1_NDRIFT
KEY_1_NRD
33
KEY_2_NDRIFT
KEY_2_NRD
34
KEY_3_NDRIFT
KEY_3_NRD
35
KEY_4_NDRIFT
KEY_4_NRD
36
KEY_5_NDRIFT
KEY_5_NRD
37
KEY_6_NDRIFT
KEY_6_NRD
38
KEY_7_NDRIFT
KEY_7_NRD
39
KEY_8_NDRIFT
KEY_8_NRD
40
KEY_9_NDRIFT
KEY_9_NRD
41
KEY_10_NDRIFT
KEY_10_NRD


Similar Part No. - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-AU ATMEL-AT42QT1110-AU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
More results

Similar Description - AT42QT1110-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
QTouch 11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com