Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM62093A Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GM62093A
Description  12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM62093A Datasheet(HTML) 6 Page - Hynix Semiconductor

  GM62093A Datasheet HTML 1Page - Hynix Semiconductor GM62093A Datasheet HTML 2Page - Hynix Semiconductor GM62093A Datasheet HTML 3Page - Hynix Semiconductor GM62093A Datasheet HTML 4Page - Hynix Semiconductor GM62093A Datasheet HTML 5Page - Hynix Semiconductor GM62093A Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GM62093A
6
l RESULT
Fig.3-Ron measurement
l TEST CIRCUIT
l BANDWIDTH
Fig.4-Frequency response.
(-3dB point: ABOUT 45MHz)
l TEST CIRCUIT
S.W
ON
DD
V
10mA
3.5V
+ V
Ä
mA
V
I
V
R
ON
ON
10
=
=
˜
˜
V
VCONTROL
5
=
V
VDD
18
~
6
=
S/W
ON
IN
V
OUT
V
15K
V
VDD 14
=
VIN=2Vp-p
60
50
40
30
20
6
8
10
12
14
16
DD
V
ON
R
dB
f(MHz)
1
10
2
10
0
-2
-4
-6
-8
-10


Similar Part No. - GM62093A

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM6201 GTM-GM6201 Datasheet
994Kb / 8P
CMOS POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
Three-terminal Voltage Regulator
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
LDO Voltage Regulator
More results

Similar Description - GM62093A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
JFW Industries, Inc.
50MS-291 JFW-50MS-291 Datasheet
95Kb / 1P
12x8 MATRIX SWITCH
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com